Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEN-R-956-018 Datasheet(PDF) 4 Page - Sensitron

Part # SEN-R-956-018
Description  TRANSIENT VOLTAGE SUPPRESSOR 500 WATT SERIES Glass Passivated Die Plus Dual Heat Strips
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SEN-R-956-018 Datasheet(HTML) 4 Page - Sensitron

  SEN-R-956-018 Datasheet HTML 1Page - Sensitron SEN-R-956-018 Datasheet HTML 2Page - Sensitron SEN-R-956-018 Datasheet HTML 3Page - Sensitron SEN-R-956-018 Datasheet HTML 4Page - Sensitron SEN-R-956-018 Datasheet HTML 5Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SENSITRON
SEN-R-956-XXX
SEMICONDUCTOR
• 221 West Industry Court 3 Deer Park, NY 11729-4681 3 (631) 586-7600 FAX (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
1
10
100
1000
10000
100000
1E-6
1E-5
1E-4
1E-3
1E-2
1E-1
1E+0
Time (s)
Clamp Power vs Time for Sensitron 500W TVS Series
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Time (mS)
Exponential Decay Pulse Waveform
t rise < 10uS
Ipp/2 at tp=1mS
1
10
100
1000
10000
1
10
100
1000
Rated Vz of Device (V)
Cap @ V=Vr
Cap @ V=0
Reverse Junction Capacitance for Sensitron 500W TVS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com