Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G1210 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # G1210
Description  Standard Recovery Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

G1210 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  G1210 Datasheet HTML 1Page - Inchange Semiconductor Company Limited G1210 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
G1210(R)
Standard Recovery Diodes
FEATURES
·
High surge current capability
·
Stud cathode and stud anode version
·
Designed and qualified for industrial and consumer level
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Battery charges
·
Converters
·
Power supplies
·
Machine tool controls
Case Style DO-4
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
1200
V
IF(AV)
Average Forward Current
TC=144℃,
180° conduction, half sine wave
12
A
IF(RMS)
Max. RMS forward current
19
A
IFSM
Surge Forward Current
t=10ms
No voltage
reapplied
265
A
t=8.3ms
280
t=10ms
100%
VRRM
reapplied
225
t=8.3ms
235
I2t
I2t for fusing
t=10ms
No voltage
reapplied
351
A2s
t=8.3ms
320
t=10ms
100%
VRRM
reapplied
250
t=8.3ms
226
TJ
Junction Temperature
-40~160
℃
Tstg
Storage Temperature
-65~200
℃
https://alldatasheet.com/


Similar Part No. - G1210

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1211 GMT-G1211 Datasheet
212Kb / 6P
Rail-to-Rail I/O, 100mA Output Op Amp
G1212 GMT-G1212 Datasheet
501Kb / 6P
Rail-to-Rail I/O OP Amp
logo
MORNSUN Science& Techno...
G1212D-1W MORNSUN-G1212D-1W Datasheet
130Kb / 2P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
G1212D-2W MORNSUN-G1212D-2W Datasheet
138Kb / 2P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
G1212KS-1W MORNSUN-G1212KS-1W Datasheet
292Kb / 3P
DUAL OUTPUT DC-DC CONVERTER
More results

Similar Description - G1210

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16F IRF-16F Datasheet
71Kb / 6P
STANDARD RECOVERY DIODES
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
Standard Recovery Diodes, Standard Recovery Diodes,
07-Apr-14
logo
Nell Semiconductor Co.,...
NKE600 NELLSEMI-NKE600_17 Datasheet
685Kb / 5P
Standard Recovery Diodes
D1100B NELLSEMI-D1100B_17 Datasheet
832Kb / 7P
Standard Recovery Diodes
D3800E NELLSEMI-D3800E_17 Datasheet
667Kb / 5P
Standard Recovery Diodes
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
Standard Recovery Diodes, Standard Recovery Diodes,
11-Jan-18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com