Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEN-R-956-022 Datasheet(PDF) 2 Page - Sensitron

Part # SEN-R-956-022
Description  TRANSIENT VOLTAGE SUPPRESSOR 500 WATT SERIES Glass Passivated Die Plus Dual Heat Strips
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SEN-R-956-022 Datasheet(HTML) 2 Page - Sensitron

  SEN-R-956-022 Datasheet HTML 1Page - Sensitron SEN-R-956-022 Datasheet HTML 2Page - Sensitron SEN-R-956-022 Datasheet HTML 3Page - Sensitron SEN-R-956-022 Datasheet HTML 4Page - Sensitron SEN-R-956-022 Datasheet HTML 5Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SENSITRON
SEN-R-956-XXX
SEMICONDUCTOR
• 221 West Industry Court 3 Deer Park, NY 11729-4681 3 (631) 586-7600 FAX (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
Note 1: “Die Only” configuration requires user to provide adequate energy absorption.
Note 2: Terminal strips are 0.009” to 0.011” thick copper with nickel and silver plate.
0.034"
0.039"
0.048"
0.052"
0.108"
0.112"
0.069"
0.073"
0.020"
Typ
0.069"
0.073"
0.052"
0.056"
0.0115"
0.0155"
Bipolar Die Only



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com