Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR391 Datasheet(PDF) 16 Page - Analog Devices

Part # ADR391
Description  Precision, Micropower, High Current Output Voltage Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR391 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADR391 Datasheet HTML 12Page - Analog Devices ADR391 Datasheet HTML 13Page - Analog Devices ADR391 Datasheet HTML 14Page - Analog Devices ADR391 Datasheet HTML 15Page - Analog Devices ADR391 Datasheet HTML 16Page - Analog Devices ADR391 Datasheet HTML 17Page - Analog Devices ADR391 Datasheet HTML 18Page - Analog Devices ADR391 Datasheet HTML 19Page - Analog Devices ADR391 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Data Sheet
ADR3625
THEORY OF OPERATION
analog.com
Rev. 0 | 16 of 21
POWER CYCLE HYSTERESIS
By power cycling large numbers of samples, the power cycle hyste-
resis can be determined. To keep this measurement independent of
other variables and environmental effects, the power cycle testing
was performed using a high precision measurement system, includ-
ing an ultrastable oil bath.
Figure 46 shows the power cycle hysteresis. The units were pow-
ered down for approximately four hours and then powered up.
The ADR3625 does not have any power cycle hysteresis even
after a long power-down period, making these devices suitable
for equipment that must maintain its calibration accuracy between
power cycles.
Figure 46. Power Cycle Hysteresis
HUMIDITY SENSITIVITY
The ADR3625 is packaged in an MSOP. However, moisture
absorption from the air into the package changes the internal
mechanical stresses on the die, causing shifts in the output voltage.
Figure 47 shows the effects of a step change in relative humidity on
the output voltage over time. The humidity chamber is maintained
at an ambient temperature of +25°C, while the relative humidity
undergoes a step change from 30% to 70%. The relative humidity
is maintained at 70% for the duration of the testing. Note that the
output voltage shifts quickly compared to the overall settling time,
following the step change in relative humidity.
Figure 47. Change in Output Voltage vs. Time After Humidity Step (30% to
70% Relative Humidity (RH))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com