Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3613 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC3613
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3613 Datasheet(HTML) 2 Page - Analog Devices

  LTC3613 Datasheet HTML 1Page - Analog Devices LTC3613 Datasheet HTML 2Page - Analog Devices LTC3613 Datasheet HTML 3Page - Analog Devices LTC3613 Datasheet HTML 4Page - Analog Devices LTC3613 Datasheet HTML 5Page - Analog Devices LTC3613 Datasheet HTML 6Page - Analog Devices LTC3613 Datasheet HTML 7Page - Analog Devices LTC3613 Datasheet HTML 8Page - Analog Devices LTC3613 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
2 of 35
TABLE OF CONTENTS
Features...................................................................................1
Applications ............................................................................1
Description..............................................................................1
Typical Application.................................................................1
Revision History ......................................................................2
Specifications..........................................................................3
Absolute Maximum Ratings ...................................................5
Pin Configurations and Function Descriptions.....................6
Typical Performance Characteristics ....................................9
Block Diagram.......................................................................14
Theory of Operation .............................................................15
Main Control Loop............................................................15
“Power Good” Status Output ..........................................15
VIN Overvoltage Protection...............................................15
Overcurrent and Short-Circuit Protection......................15
MODE/SYNC Operation ....................................................16
Multiphase Operation ......................................................16
Applications Information .....................................................17
Programming Switching Frequency ...............................17
Inductor Selection ...........................................................17
Selecting the Input Capacitor (CIN) .................................18
Selecting the Output Capacitor (COUT) ...........................19
Using Ceramic Input and Output Capacitors .................19
INTVCC Regulator Bypass Capacitor ................................20
Output Voltage Programming.........................................20
Soft-Start and Output Voltage TRACK............................20
Minimum Off-Time and Minimum On-Time
Considerations.................................................................22
Internal/External ITH Compensation .............................22
Checking Transient Response.........................................23
Efficiency Considerations................................................24
Thermal Conditions .........................................................25
Silent Switcher Architecture ...........................................25
Board Layout Considerations .........................................25
Design Example................................................................26
Typical Applications.............................................................28
Outline Dimensions..............................................................33
Ordering Guide .....................................................................34
REVISION HISTORY
Nature of Change
Page Number
10/2022 – REV 0
─



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com