Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3625ARMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADR3625ARMZ-R7
Description  Precision, Micropower, High Current Output Voltage Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3625ARMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADR3625ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADR3625ARMZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Data Sheet
ADR3625
THEORY OF OPERATION
analog.com
Rev. 0 | 14 of 21
The ADR3625 incorporates a proprietary low noise design and ad-
vanced curvature correction technology. Combined with micropower
design techniques the ADR3625 has unmatched performance.
The circuit shown in Figure 39 shows the ADR3625 simplified
schematic.
Figure 39. ADR3625 Simplified Schematic
POWER DISSIPATION
While the ADR3625 is a micropower voltage reference, it is capable
of sourcing 50 mA and sinking current up to 10 mA of load current
at room temperature across the rated input voltage range. However,
when used in applications subject to high ambient temperatures,
the input voltage and load current must be monitored carefully to
ensure that the device does not exceed its maximum allowable
power dissipation. To calculate the maximum allowable power dissi-
pation of the device, use the following equation:
PD=TJ−TAθJA
where:
PD is the device power dissipation.
TJ is the device junction temperature.
TA is the ambient temperature.
The ADR3625 has a thermal resistance of 132.5°C/W for the
8-lead MSOP. A curve that illustrates allowed power dissipation
vs. temperature for the MSOP is shown in Figure 40. The power
dissipation of the ADR3625 as a function of the input voltage is
shown in Figure 41. The top curve shows power dissipation with a
50 mA load, and the bottom curve shows power dissipation with no
load. When operated within its specified limits of VIN = 16 V and
sourcing 50 mA, the ADR3625 consumes about 800 mW at room
temperature. The power derating curve in Figure 40 shows that
the ADR3625 can only safely dissipate 120 mW at 125°C, which
is less than its maximum power output. Care must be taken when
designing the circuit so that the maximum junction temperature is
not exceeded. For best performance, keep the junction temperature
less than 150°C.
The ADR3625 includes output current-limit circuitry, as well as
thermal limit circuitry, to protect the reference from damage in the
event of excessive power dissipation. The ADR3625 is protected
from damage by a thermal shutdown circuit. However, changes
in performance can occur as a result of operating at above the
maximum rating.
Figure 40. Maximum Allowed Power Dissipation
Figure 41. Typical Power Dissipation
The safe operating area is the voltage, current, and temperature
conditions where the device can operate reliably (see Figure 42).
The safe operating area takes into account the ambient tempera-
ture and power dissipated in the 8-lead MSOP.
Figure 42. Safe Operating Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com