Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACF Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # RACF
Description  Concave Termination Chip Resistor Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RACF Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  RACF Datasheet HTML 1Page - Stackpole Electronics, Inc. RACF Datasheet HTML 2Page - Stackpole Electronics, Inc. RACF Datasheet HTML 3Page - Stackpole Electronics, Inc. RACF Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev Date: 03/26/2020
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RACF Series
Concave Termination Chip Resistor Array
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
• Product will be discontinued - not recommended for new designs
• Last time buy December 1, 2020
• For more information please see our PDN here
• RAVF series of convex arrays is recommended as replacement
Power Derating Curve:
Electrical Specifications
Performance Characteristics
1%
2%
5%
± 650
± 250
± 400
± 200
RACF164D
0.063
50
100
± 200
22 - 1M
RACF324D
0.125
200
400
± 200
10 - 1M
RACF408M
0.063
25
50
± 200
22 - 1M
RACF648N
0.063
50
100
± 200
22 - 1M
RACF648R
0.063
50
100
± 200
22 - 1M
-
3 - 9.88
10 - 1M
1 - 9.88
10 - 1M
10 - 1M
RACF102D
0.063
25
50
RACF104D
0.063
Note: (1) Lesser of
or maximum working voltage.
-
TCR
(ppm/ºC)
Maximum Working
Voltage (V)
Ohmic Range (Ω) and Tolerance
-
-
Power Rating (W)
(per element)
@ 70ºC
Type / Code /
# of Elements /
Circuit Type
Maximum Overload
Voltage (V)
25
50
√ P*R
Test Results (JIS C 5202)
± 3%
± 1%
± 3%
± 1%
± 1%
± 2%
Operating Temperature Range:
Test
Load Life in Moisture
Temperature cycle
Load Life
Resistance to Soldering heat
Terminal Adhesion
Short Time Overload
RACF102D and RACF104D: -55ºC to 155ºC
All other types: -55ºC to 125ºC


Similar Part No. - RACF

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
RACFA FARADAY-RACFA Datasheet
71Kb / 3P
VIDEO OVERSAMPLING SMD FILTERS
More results

Similar Description - RACF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CAT16-LV2F61 BOURNS-CAT16-LV2F61 Datasheet
92Kb / 1P
Concave Chip Array
CAT16-PC4F12 BOURNS-CAT16-PC4F12 Datasheet
355Kb / 1P
Concave Chip Array
CAT16-PT2F2LF BOURNS-CAT16-PT2F2LF Datasheet
282Kb / 1P
Concave Chip Array
logo
KOA Speer Electronics, ...
CN1J4TTD101J KOA-CN1J4TTD101J Datasheet
260Kb / 2P
concave termination with square corners resistor array
CNB2B9ZTTE103J KOA-CNB2B9ZTTE103J Datasheet
235Kb / 2P
bussed concave termination square corner resistor array
CN2B4TTE103J KOA-CN2B4TTE103J Datasheet
288Kb / 3P
concave termination with square corners resistor array
CN2B8TTE102J KOA-CN2B8TTE102J Datasheet
288Kb / 3P
concave termination with square corners resistor array
logo
Bourns Electronic Solut...
CAT16-PC4F12LF BOURNS-CAT16-PC4F12LF Datasheet
346Kb / 1P
Concave Chip Array
logo
KOA Speer Electronics, ...
CN KOA-CN Datasheet
399Kb / 2P
concave termination with square corners resistor array
CNB KOA-CNB Datasheet
376Kb / 2P
bussed concave termination square corner resistor array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com