Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMCF Datasheet(PDF) 8 Page - Stackpole Electronics, Inc.

Part # RMCF
Description  General Purpose Thick Film Standard Power and High-Power Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMCF Datasheet(HTML) 8 Page - Stackpole Electronics, Inc.

Back Button RMCF Datasheet HTML 4Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 5Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 6Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 7Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 8Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 9Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 10Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 11Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 12Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Rev Date: 7/22/2022
8
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMCF / RMCP Series
General Purpose Thick Film Standard Power
and High-Power Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Taping Specifications - 01005, 0201, 0402
Taping Specifications - 0603, 0805, 1206, 1210
Type/Code
7" Reel
Quantity
Tape
Width
Unit
0.018 ± 0.001
0.010 ± 0.001
inches
0.45 ± 0.02
0.25 ± 0.02
mm
0.315 0.028 ± 0.006
0.016 ± 0.006
0.315 ± 0.008
0.069 ± 0.004
0.138 ± 0.002 inches
8.00
0.70 ± 0.15
0.40 ± 0.15
8.00 ± 0.20
1.75 ± 0.10
3.50 ± 0.05
mm
0.047 ± 0.006
0.028 ± 0.006
inches
1.20 ± 0.15
0.70 ± 0.15
mm
RMCF0402
RMCP0402
94.5 ± 9.0
10000
RMCF01005
RMCF0201
RMCP0201
±
± 9.0
A
Typical Full
Reel Weight (g)
12.0
127.3
97.2
W
E
F
B
Type/Code
Unit
0.012 ± 0.001
0.007 ± 0.001
inches
0.31 ± 0.03
0.17 ± 0.03
mm
0.015 ± 0.006
0.011 ± 0.001
0.079 ± 0.004
0.157 ± 0.004
0.079 ± 0.002 inches
0.38 ± 0.15
0.28 ± 0.02
2.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
mm
0.016 ± 0.008
0.016 ± 0.002
inches
0.40 ± 0.20
0.40 ± 0.05
mm
RMCF0402
RMCP0402
T1
RMCF01005
P1
T2
P
P0
RMCF0201
RMCP0201
0.071 ± 0.008
0.041 ± 0.008
inches
1.80 ± 0.20
1.05 ± 0.20
mm
0.093 ± 0.010
0.063 ± 0.010
inches
0.315
2.35 ± 0.25
1.60 ± 0.25
0.315 ± 0.008
0.069 ± 0.004
mm
8.00
0.140 ± 0.010
0.077 ± 0.010
8.00 ± 0.20
1.75 ± 0.10
inches
3.55 ± 0.25
1.95 ± 0.25
mm
0.138 ± 0.008
0.110 ± 0.010
inches
3.50 ± 0.20
2.80 ± 0.25
mm
RMCF1210
RMCP1210
4000
175.7
E
± 17.0
118.3 ±
± 13.0
±
5000
151.4
RMCF0603
RMCP0603
5000
Unit
11.0
W
B
Tape Width
Typical Full Reel
Weight (g)
Type/Code
7" Reel
Quantity
(1)
A
15.0
RMCF0805
RMCP0805
5000
139.2
RMCF1206
RMCP1206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com