Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMCS-PD Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # RMCS-PD
Description  High Sulfur Resistant Thick Film Chip Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMCS-PD Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  RMCS-PD Datasheet HTML 1Page - Stackpole Electronics, Inc. RMCS-PD Datasheet HTML 2Page - Stackpole Electronics, Inc. RMCS-PD Datasheet HTML 3Page - Stackpole Electronics, Inc. RMCS-PD Datasheet HTML 4Page - Stackpole Electronics, Inc. RMCS-PD Datasheet HTML 5Page - Stackpole Electronics, Inc. RMCS-PD Datasheet HTML 6Page - Stackpole Electronics, Inc. RMCS-PD Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev Date: 07/22/2020
3
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMCS-PD Series
High Sulfur Resistant Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Recommended Pad Layout
JIS-C-5201-1 4.6
IEC-60115-1 4.6
Bending once for 5 seconds.
JIS-C-5201-1 4.33
1% and below: ±(1% + 0.05 Ω)
D: 0402, 0603, 0805 = 5 mm
IEC-60115-1 4.33
2%, 5%: ±(1% + 0.05 Ω)
1206, 1210, 1812 = 3 mm
1218, 2010, 2512, 2030 = 2 mm
ΔR: ±(1% + 0.05 Ω)
60 ± 2°C, no rating power for 1000 hours
ΔR: ±(4% + 0.05 Ω)
105 ± 2°C, no rating power for 1000 hours
Operating temperature range is -55°C to 155°C
Test
Test Method
Test Specification
Test Condition
Insulation Resistance
≥ 10G Ω
Apply 100VDC for 1 minute.
Bending Strength
Sulfur Test
ASTM-B-809-95
Performance Characteristics (cont.)
Type / Code
A
B
C
Unit
0.024
0.063
0.028
inches
0.60
1.60
0.70
mm
0.031
0.094
0.039
inches
0.80
2.40
1.00
mm
0.051
0.114
0.055
inches
1.30
2.90
1.40
mm
0.087
0.165
0.067
inches
2.20
4.20
1.70
mm
0.079
0.173
0.106
inches
2.00
4.40
2.70
mm
0.080
0.167
0.189
inches
2.04
4.24
4.80
mm
0.122
0.233
0.118
inches
3.11
5.91
3.00
mm
0.150
0.260
0.106
inches
3.80
6.60
2.70
mm
0.193
0.319
0.134
inches
4.90
8.10
3.40
mm
RMCS1218…-PD
RMCS1812…-PD
RMCS0402…-PD
RMCS0603…-PD
RMCS0805…-PD
RMCS1206…-PD
RMCS1210…-PD
RMCS2010…-PD
RMCS2512…-PD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com