Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMCS Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # RMCS
Description  Sulfur Resistant Thick Film Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMCS Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  RMCS Datasheet HTML 1Page - Stackpole Electronics, Inc. RMCS Datasheet HTML 2Page - Stackpole Electronics, Inc. RMCS Datasheet HTML 3Page - Stackpole Electronics, Inc. RMCS Datasheet HTML 4Page - Stackpole Electronics, Inc. RMCS Datasheet HTML 5Page - Stackpole Electronics, Inc. RMCS Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev Date: 7/5/2022
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMCS Series
Sulfur Resistant Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Weight (g)
(1000 pieces)
0.024 ± 0.001
0.012 ± 0.001
0.009 ± 0.001
0.006 ± 0.002
0.006 ± 0.002
inches
0.60 ± 0.03
0.30 ± 0.03
0.23 ± 0.03
0.15 ± 0.05
0.15 ± 0.05
mm
0.039 ± 0.006
0.020 ± 0.002
0.014 ± 0.004
0.008 ± 0.006
0.008 ± 0.006
inches
1.00 ± 0.15
0.50 ± 0.05
0.35 ± 0.10
0.20 ± 0.15
0.20 ± 0.15
mm
0.063 ± 0.008
0.031 ± 0.004
0.018 ± 0.006
0.012 ± 0.008
0.012 ± 0.008
inches
1.60 ± 0.20
0.80 ± 0.10
0.45 ± 0.15
0.30 ± 0.20
0.30 ± 0.20
mm
0.079 ± 0.008
0.049 ± 0.006
0.020 ± 0.006
0.014 ± 0.008
0.016 ± 0.008
inches
2.00 ± 0.20
1.25 ± 0.15
0.50 ± 0.15
0.35 ± 0.20
0.40 ± 0.20
mm
0.122 ± 0.006
0.061 ± 0.010
0.022 ± 0.006
0.020 ± 0.012
0.020 ± 0.008
inches
3.10 ± 0.15
1.55 ± 0.25
0.55 ± 0.15
0.50 ± 0.30
0.50 ± 0.20
mm
0.122 ± 0.006
0.102 ± 0.012
0.022 ± 0.006
0.020 ± 0.010
0.020 ± 0.008
inches
3.10 ± 0.15
2.60 ± 0.30
0.55 ± 0.15
0.50 ± 0.25
0.50 ± 0.20
mm
0.197 ± 0.008
0.098 ± 0.008
0.022 ± 0.004
0.024 ± 0.010
0.020 ± 0.012
inches
5.00 ± 0.20
2.50 ± 0.20
0.55 ± 0.10
0.60 ± 0.25
0.50 ± 0.30
mm
0.248 ± 0.008
0.124 ± 0.008
0.022 ± 0.006
0.024 ± 0.010
0.022 ± 0.010
inches
6.30 ± 0.20
3.15 ± 0.20
0.55 ± 0.15
0.60 ± 0.25
0.55 ± 0.25
mm
0.248 ± 0.008
0.126 ± 0.008
0.024 ± 0.008
0.024 ± 0.012
0.024 ± 0.012
inches
6.30 ± 0.20
3.20 ± 0.20
0.60 ± 0.20
0.60 ± 0.30
0.60 ± 0.30
mm
39.448
RMCS2512_-HP
39.448
Body Length
Body Width
Body Height
Top Termination
Unit
L
W
a
b
H
Type/Code
RMCS0805
RMCS1206
RMCS1210
RMCS2512
0.15
0.62
2.042
4.368
8.947
RMCS2010
Bottom Termination
RMCS0603
15.959
24.241
RMCS0201
RMCS0402
Performance Characteristics
Mechanical Specifications
±1% and below
±5%
Jumper
JIS-C-5201-1 4.6
IEC-60115-1 4.6
JIS-C-5201-1 4.25
IEC-60115-1 4.25.1
JIS-C-5201-1 4.24
IEC-60115-1 4.24
JIS-C-5201-1 4.23
IEC-60115-1 4.23.2
JIS-C-5201-1 4.33
Bending once for 5 seconds
IEC-60115-1 4.33
2010, 2512 sizes: 2 mm / Other sizes: 3 mm
JIS-C-5201-1 4.17
IEC-60115-1 4.17
JIS-C-5201-1 4.18
IEC-60115-1 4.18
JIS-C-5201-1 4.7
IEC-60115-1 4.7
JIS-C-5201-1 4.18
IEC-60068-2-58 8.2.1
JIS-C-5201-1 4.19
IEC-60115-1 4.19
Operating temperature range is -55°C to +155°C
ASTM-B-809-95
RCWV (Rated Continuous Working Voltage) =
or Max. Operating Voltage, whichever is lower.
Storage Temperature: 15ºC ~ 28ºC. Humidity < 80% R.H.
± (0.5% + 0.05Ω) ± (0.5% + 0.05Ω)
< 50mΩ
H2S, 50ºC ± 2ºC, 91~93% R.H.,
no power rating for 1000 hours
Sulfur Test
Rapid change of
Temperature
± (0.5% + 0.05Ω)
± (1% + 0.05Ω)
< 50mΩ
-55ºC to +125ºC/+155ºC, 5 cycles
No breakdown or flashover
Voltage Proof
1.42 times Max. Operating Voltage for 1 minute
Individual leaching area
≤ 5%
Total leaching area
≤ 10%
260ºC ± 5ºC for 30 seconds
Leaching
Resistance to
Soldering Heat
± (0.5% + 0.05Ω)
± (1% + 0.05Ω)
< 50mΩ
260ºC ± 5ºC for 10 seconds
95% minimum coverage
Solderability
245ºC ± 5ºC for 3 seconds
± (1% + 0.05Ω)
± (1% + 0.05Ω)
< 50mΩ
Bending Strength
± (1% + 0.05Ω)
± (1.5% + 0.1Ω)
< 50mΩ
At +125ºC/+155ºC for 1000 hours
Dry Heat
70ºC ± 2ºC, RCWV for 1000 hours with
1.5 hours "ON" and 0.5 hour "OFF"
Endurance
± (2% + 0.1Ω)
± (3% + 0.1Ω)
< 100mΩ
40ºC ± 2ºC, 90~95% R.H., RCWV for 1000 hours
with 1.5 hours "ON" and 0.5 hour "OFF"
Damp Heat with Load
± (2% + 0.1Ω)
± (3% + 0.1Ω)
< 100mΩ
Test Specification
Test
Test Method
Test Condition
Insulation Resistance
≥10G
Max. Overload Voltage for 1 minute
Short Time Overload
RCWV*2.5 or Max. Overload Voltage whichever
is lower for 5 seconds,
2 seconds for high power series.
± (1% + 0.05Ω)
± (2% + 0.05Ω)
< 50mΩ
JIS-C-5201-1 4.13
IEC-60115-1 4.13
√ P*R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com