Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL4108 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IL4108
Description  Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL4108 Datasheet(HTML) 4 Page - Vishay Siliconix

  IL4108 Datasheet HTML 1Page - Vishay Siliconix IL4108 Datasheet HTML 2Page - Vishay Siliconix IL4108 Datasheet HTML 3Page - Vishay Siliconix IL4108 Datasheet HTML 4Page - Vishay Siliconix IL4108 Datasheet HTML 5Page - Vishay Siliconix IL4108 Datasheet HTML 6Page - Vishay Siliconix IL4108 Datasheet HTML 7Page - Vishay Siliconix IL4108 Datasheet HTML 8Page - Vishay Siliconix IL4108 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupleranswers@vishay.com
Document Number: 83627
4
Rev. 2.0, 29-Mar-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IL410, IL4108
Vishay Semiconductors Optocoupler, Phototriac Output, Zero Crossing,
High dV/dt, Low Input Current
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Voltage vs. Forward Current
Fig. 2 - Peak LED Current vs. Duty Factor,
Fig. 3 - Maximum LED Power Dissipation
Fig. 4 - Typical Output Characteristics
Fig. 5 - Current Reduction
Fig. 6 - Current Reduction
iil410_03
100
10
1
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
IF - Forward Current (mA)
TA = - 55 °C
TA = 25 °C
TA = 85 °C
iil410_04
10-6
10-5 10-4 10-3 10-2 10-1 100
101
10
100
1000
10 000
t - LED Pulse Duration (s)
0.005
0.05
0.02
0.01
0.1
0.2
0.5
Duty Factor
t
τ
DF = /t
τ
iil410_05
100
80
60
40
20
0
- 20
- 40
- 60
0
50
100
150
TA - Ambient Temperature (°C)
103
102
101
5
5
5
100
01
2
4
3
iil410_06
IT = f(VT),
Parameter: Tj
Tj = 25 °C
100 °C
VT (V)
400
300
200
100
0
0
20
40
60
80
100
iil410_07
TA (°C)
ITRMS = f(VT),
RthJA = 150 K/W
Device switch
soldered in pcb
or base plate.
400
300
200
100
0
50
60
70
80
90
100
iil410_08
TPIN5 (°C)
ITRMS = f(TPIN5), RthJ-PIN5 = 16.5 K/W
Thermocouple measurement must
be performed potentially separated
to A1 and A2. Measuring junction
as near as possible at the case.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com