Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILQ32-X009T Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ILQ32-X009T
Description  Optocoupler, Photodarlington Output, High Gain (Quad Channel)s
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ32-X009T Datasheet(HTML) 3 Page - Vishay Siliconix

  ILQ32-X009T Datasheet HTML 1Page - Vishay Siliconix ILQ32-X009T Datasheet HTML 2Page - Vishay Siliconix ILQ32-X009T Datasheet HTML 3Page - Vishay Siliconix ILQ32-X009T Datasheet HTML 4Page - Vishay Siliconix ILQ32-X009T Datasheet HTML 5Page - Vishay Siliconix ILQ32-X009T Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 83650
For technical questions, contact: optocoupleranswers@vishay.com
www.vishay.com
Rev. 1.8, 24-May-11
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ILQ32
Optocoupler, Photodarlington Output,
High Gain (Quad Channel)
Vishay Semiconductors
Note
• As per IEC 60747-5-2, § 7.4.3.8.1, this optocoupler is suitable for "safe electrical insulation" only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Voltage vs. Forward Current
Fig. 2 - Normalized Non-saturated and Saturated CTRCE vs.
LED Current
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio
IF = 10 mA, VCE = 10 V
CTR
500
%
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-on time
VCC = 10 V, IF = 5 mA,
RL = 100 
ton
15
μs
Turn-off time
VCC = 10 V, IF = 5 mA,
RL = 100 
toff
30
μs
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
(according to IEC 68 part 1)
55/100/21
Comparative tracking index
CTI
175
399
VIOTM
10 000
V
VIORM
890
V
PSO
400
mW
ISI
275
mA
TSI
175
°C
Creepage distance
7
mm
Clearance distance
7
mm
Insulation thickness,
reinforced rated
per IEC 60950 2.10.5.1
0.4
mm
iild32_01
I
F - Forward Current (mA)
100
10
1
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
T
a =- 55 °C
T
a = 25 °C
T
a =85 °C
iild32_02
0.1
1
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
I
F - L ED Current (mA)
T
A = 25 °C
Normalized to:
V
CE = 10 V
I
F = 10 mA
V
CE = 10 V
V
CE = 1 V
10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com