Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL494CD Datasheet(PDF) 13 Page - ON Semiconductor

Part # TL494CD
Description  Switch mode Pulse Width Modulation Control Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL494CD Datasheet(HTML) 13 Page - ON Semiconductor

Back Button TL494CD Datasheet HTML 6Page - ON Semiconductor TL494CD Datasheet HTML 7Page - ON Semiconductor TL494CD Datasheet HTML 8Page - ON Semiconductor TL494CD Datasheet HTML 9Page - ON Semiconductor TL494CD Datasheet HTML 10Page - ON Semiconductor TL494CD Datasheet HTML 11Page - ON Semiconductor TL494CD Datasheet HTML 12Page - ON Semiconductor TL494CD Datasheet HTML 13Page - ON Semiconductor TL494CD Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SOIC−16
CASE 751B−05
ISSUE K
DATE 29 DEC 2006
SCALE 1:1
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL CONDITION.
18
16
9
SEATING
PLANE
F
J
M
R X 45_
G
8 PL
P
−B−
−A−
M
0.25 (0.010)
B S
−T−
D
K
C
16 PL
S
B
M
0.25 (0.010)
A S
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.80
10.00
0.386
0.393
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019
____
6.40
16X
0.58
16X
1.12
1.27
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT
STYLE 1:
PIN 1.
COLLECTOR
2.
BASE
3.
EMITTER
4.
NO CONNECTION
5.
EMITTER
6.
BASE
7.
COLLECTOR
8.
COLLECTOR
9.
BASE
10.
EMITTER
11.
NO CONNECTION
12.
EMITTER
13.
BASE
14.
COLLECTOR
15.
EMITTER
16.
COLLECTOR
STYLE 2:
PIN 1.
CATHODE
2.
ANODE
3.
NO CONNECTION
4.
CATHODE
5.
CATHODE
6.
NO CONNECTION
7.
ANODE
8.
CATHODE
9.
CATHODE
10.
ANODE
11.
NO CONNECTION
12.
CATHODE
13.
CATHODE
14.
NO CONNECTION
15.
ANODE
16.
CATHODE
STYLE 3:
PIN 1.
COLLECTOR, DYE #1
2.
BASE, #1
3.
EMITTER, #1
4.
COLLECTOR, #1
5.
COLLECTOR, #2
6.
BASE, #2
7.
EMITTER, #2
8.
COLLECTOR, #2
9.
COLLECTOR, #3
10.
BASE, #3
11.
EMITTER, #3
12.
COLLECTOR, #3
13.
COLLECTOR, #4
14.
BASE, #4
15.
EMITTER, #4
16.
COLLECTOR, #4
STYLE 4:
PIN 1.
COLLECTOR, DYE #1
2.
COLLECTOR, #1
3.
COLLECTOR, #2
4.
COLLECTOR, #2
5.
COLLECTOR, #3
6.
COLLECTOR, #3
7.
COLLECTOR, #4
8.
COLLECTOR, #4
9.
BASE, #4
10.
EMITTER, #4
11.
BASE, #3
12.
EMITTER, #3
13.
BASE, #2
14.
EMITTER, #2
15.
BASE, #1
16.
EMITTER, #1
STYLE 5:
PIN 1.
DRAIN, DYE #1
2.
DRAIN, #1
3.
DRAIN, #2
4.
DRAIN, #2
5.
DRAIN, #3
6.
DRAIN, #3
7.
DRAIN, #4
8.
DRAIN, #4
9.
GATE, #4
10.
SOURCE, #4
11.
GATE, #3
12.
SOURCE, #3
13.
GATE, #2
14.
SOURCE, #2
15.
GATE, #1
16.
SOURCE, #1
STYLE 6:
PIN 1.
CATHODE
2.
CATHODE
3.
CATHODE
4.
CATHODE
5.
CATHODE
6.
CATHODE
7.
CATHODE
8.
CATHODE
9.
ANODE
10.
ANODE
11.
ANODE
12.
ANODE
13.
ANODE
14.
ANODE
15.
ANODE
16.
ANODE
STYLE 7:
PIN 1.
SOURCE N‐CH
2.
COMMON DRAIN (OUTPUT)
3.
COMMON DRAIN (OUTPUT)
4.
GATE P‐CH
5.
COMMON DRAIN (OUTPUT)
6.
COMMON DRAIN (OUTPUT)
7.
COMMON DRAIN (OUTPUT)
8.
SOURCE P‐CH
9.
SOURCE P‐CH
10.
COMMON DRAIN (OUTPUT)
11.
COMMON DRAIN (OUTPUT)
12.
COMMON DRAIN (OUTPUT)
13.
GATE N‐CH
14.
COMMON DRAIN (OUTPUT)
15.
COMMON DRAIN (OUTPUT)
16.
SOURCE N‐CH
16
89
8X
MECHANICAL CASE OUTLINE
PACKAGE DIMENSIONS
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor reserves the right to make changes without further notice to any products herein. ON Semiconductor makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically
disclaims any and all liability, including without limitation special, consequential or incidental damages. ON Semiconductor does not convey any license under its patent rights nor the
rights of others.
98ASB42566B
DOCUMENT NUMBER:
DESCRIPTION:
Electronic versions are uncontrolled except when accessed directly from the Document Repository.
Printed versions are uncontrolled except when stamped “CONTROLLED COPY” in red.
PAGE 1 OF 1
SOIC−16
© Semiconductor Components Industries, LLC, 2019
www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com