Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RVC Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # RVC
Description  Medium Voltage Thick Film Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RVC Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  RVC Datasheet HTML 1Page - Stackpole Electronics, Inc. RVC Datasheet HTML 2Page - Stackpole Electronics, Inc. RVC Datasheet HTML 3Page - Stackpole Electronics, Inc. RVC Datasheet HTML 4Page - Stackpole Electronics, Inc. RVC Datasheet HTML 5Page - Stackpole Electronics, Inc. RVC Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev Date: 01/23/2019
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RVC Series
Medium Voltage Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Recommended Pad Layout
Soldering Conditions
Type / Code
a
b
c
Unit
0.020
0.018
0.024
inches
0.50
0.45
0.60
mm
0.035
0.024
0.035
inches
0.90
0.60
0.90
mm
0.047
0.028
0.051
inches
1.20
0.70
1.30
mm
0.079
0.035
0.063
inches
2.00
0.90
1.60
mm
0.150
0.035
0.110
inches
3.80
0.90
2.80
mm
0.193
0.063
0.138
inches
4.90
1.60
3.50
mm
RVC2512
RVC0402
RVC0603
RVC0805
RVC1206
RVC2010
(1) Time of IR reflow soldering at maximum temperature point 260°C: 10 seconds
(2) Time of wave soldering at maximum temperature point 260°C: 10 seconds
(3) Time of soldering iron at maximum temperature point 410°C: 5 seconds



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com