Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCB3JB5L00 Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # TCB3JB5L00
Description  Ceramic Housed Current Sensing Resistor with 4 Leads
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

TCB3JB5L00 Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  TCB3JB5L00 Datasheet HTML 1Page - Stackpole Electronics, Inc. TCB3JB5L00 Datasheet HTML 2Page - Stackpole Electronics, Inc. TCB3JB5L00 Datasheet HTML 3Page - Stackpole Electronics, Inc. TCB3JB5L00 Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev Date: 11/30/2020
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
TCB Series
Ceramic Housed Current Sensing Resistor with 4 Leads
Stackpole Electronics, Inc.
Resistive Product Solutions
Environmental Policy
It is the policy of Stackpole Electronics, Inc. to protect the environment in all localities in which we operate. We continually strive to
improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
1
2
3
4
5
6
7
8
9
10
T
C
B
3
J
B
R
1
0
0
Resistance Value
Code
Description
Size
W
Code
Tol
Code
Description
Size
Quantity
TCB
Ceramic Housed - 4 leads
3
3
C
0.25%
3 and 5
200
5
5
D
0.5%
7, 10, 15
150
7
7
F
1%
10
10
J
5%
15
15
0.005 ohm = 5L00
0.01 ohm = 10L0
0.1 ohm = R100
Four characters with
the multiplier used as
the decimal holder. "L"
used as multiplier
of 10
-3 for any value
under 0.1 ohm
B
Bulk
Packaging
Product Series
Tolerance
Power Rating



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com