Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMCS0201 Datasheet(PDF) 6 Page - Stackpole Electronics, Inc.

Part # RMCS0201
Description  Sulfur Resistant Thick Film Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMCS0201 Datasheet(HTML) 6 Page - Stackpole Electronics, Inc.

  RMCS0201 Datasheet HTML 1Page - Stackpole Electronics, Inc. RMCS0201 Datasheet HTML 2Page - Stackpole Electronics, Inc. RMCS0201 Datasheet HTML 3Page - Stackpole Electronics, Inc. RMCS0201 Datasheet HTML 4Page - Stackpole Electronics, Inc. RMCS0201 Datasheet HTML 5Page - Stackpole Electronics, Inc. RMCS0201 Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Rev Date: 7/5/2022
6
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMCS Series
Sulfur Resistant Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
R
M
C
S
0
6
0
3
J
T
4
K
7
0
-
H
P
How to Order
Resistance Value
RMCS
-HP
Code
Tol
Value
Code Description
Size
Quantity
Code Description
0201
0.05
0.083
D
0.5%
E96
blank
Standard
0402
0.063
0.1
F
1%
E96, E24
-HP High Power
0603
0.1
0.25
J
5%
E24
0201, 0402
10000
1 ohm = 1R00
0805
0.125
0.33
Z
100 Kohm = 100K
1206
0.25
0.5
1.02 Mohm = 1M02
1210
0.33
0.75
Zero ohm jumper = 0R00
2010
0.75
1
2512
1
2
Product Series
RMCS
Size
Power Rating (W)
Special
Tolerance
Packaging
Four characters with the
multiplier used as the
decimal holder.
G
10" Reel
Paper Tape
0201, 0402
15000
7" Reel
Plastic Tape
2010, 2512
4000
T
Sulfur
Resistant
Jumper
7" Reel
Paper Tape
0603, 0805
1206, 1210
5000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com