Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRSF3JB10K2 Datasheet(PDF) 6 Page - Stackpole Electronics, Inc.

Part # PRSF3JB10K2
Description  General Purpose Metal Oxide Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

PRSF3JB10K2 Datasheet(HTML) 6 Page - Stackpole Electronics, Inc.

  PRSF3JB10K2 Datasheet HTML 1Page - Stackpole Electronics, Inc. PRSF3JB10K2 Datasheet HTML 2Page - Stackpole Electronics, Inc. PRSF3JB10K2 Datasheet HTML 3Page - Stackpole Electronics, Inc. PRSF3JB10K2 Datasheet HTML 4Page - Stackpole Electronics, Inc. PRSF3JB10K2 Datasheet HTML 5Page - Stackpole Electronics, Inc. PRSF3JB10K2 Datasheet HTML 6Page - Stackpole Electronics, Inc. PRSF3JB10K2 Datasheet HTML 7Page - Stackpole Electronics, Inc. PRSF3JB10K2 Datasheet HTML 8Page - Stackpole Electronics, Inc. PRSF3JB10K2 Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Rev Date: 3/3/2022
6
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RSF / RSMF Series
General Purpose Metal Oxide Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Reeled in accordance with EIA-296-F
Reel Packaging Specifications
This is a non-critical dimension that does not have a tolerance in the standard.
Range of diameters is from 0.547 inches (13.90 mm) to 1.500 inches (38.10 mm).
(1)
(2)
Dimension "E":
Reference value only. The "A" dimension shall be governed by the overall length of the taped component.
The distance between flanges shall be 0.059 inches (1.50 mm) to 0.315 (8.00 mm) greater than the overall component.
The given dimension "D" expresses the standard width spacing. A 26 mm narrow spacing is available as option "N" packaging code.
Ammo Packaging Specifications
Type/Code
A max
.(1)
B max
Tape
Unit
2.736
13.504
0.197 ± 0.020
2.063 ± 0.079
0.250
inches
69.50
343.00
5.00 ± 0.50
52.40 ± 2.00
6.35
mm
2.815
13.504
0.197 ± 0.020
2.063 ± 0.079
0.250
inches
71.50
343.00
5.00 ± 0.50
52.40 ± 2.00
6.35
mm
3.524
13.504
0.394 ± 0.020
2.500 ± 0.079
0.250
inches
89.50
343.00
10.00 ± 0.50
63.50 ± 2.00
6.35
mm
3.740
12.008
0.394 ± 0.020
2.874 ± 0.079
0.250
inches
95.00
305.00
10.00 ± 0.50
73.00 ± 2.00
6.35
mm
4.331
12.008
0.394 ± 0.020
3.465 ± 0.079
0.250
inches
110.00
305.00
10.00 ± 0.50
88.00 ± 2.00
6.35
mm
Type/Code
A max
.(1)
B max
Tape
Unit
2.618
13.504
0.197 ± 0.020
2.063 ± 0.079
0.250
inches
66.50
343.00
5.00 ± 0.50
52.40 ± 2.00
6.35
mm
2.736
13.504
0.197 ± 0.020
2.063 ± 0.079
0.250
inches
69.50
343.00
5.00 ± 0.50
52.40 ± 2.00
6.35
mm
2.815
13.504
0.197 ± 0.020
2.063 ± 0.079
0.250
inches
71.50
343.00
5.00 ± 0.50
52.40 ± 2.00
6.35
mm
3.524
13.504
0.394 ± 0.020
2.500 ± 0.079
0.250
inches
89.50
343.00
10.00 ± 0.50
63.50 ± 2.00
6.35
mm
3.740
12.008
0.394 ± 0.020
2.874 ± 0.079
0.250
inches
95.00
305.00
10.00 ± 0.50
73.00 ± 2.00
6.35
mm
RSMF3
RSMF5
C
D
(2)
RSF12
RSF1
RSF2
RSF3
RSF5
C
D
(2)
RSMF12
RSMF1
RSMF2
Type/Code
Size
Unit
3.346 ± 0.079
3.543 ± 0.118
inches
85.00 ± 2.00
90.00 ± 3.00
mm
2.953 ± 0.079
2.756 ± 0.118
inches
75.00 ± 2.00
70.00 ± 3.00
mm
3.346 ± 0.079
3.543 ± 0.118
10.039 ± 0.197
inches
85.00 ± 2.00
90.00 ± 3.00
255.00 ± 5.00
mm
2.953 ± 0.079
2.756 ± 0.118
inches
75.00 ± 2.00
70.00 ± 3.00
mm
2.953 ± 0.079
2.756 ± 0.118
inches
75.00 ± 2.00
70.00 ± 3.00
mm
RSF
1
A
B
C
RSF
2
RSMF
3
RSMF
2
RSMF
1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com