Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LCS22A Datasheet(PDF) 13 Page - Microchip Technology

Part # 24LCS22A
Description  2K VESA짰 E-EDID??Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS22A Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24LCS22A Datasheet HTML 9Page - Microchip Technology 24LCS22A Datasheet HTML 10Page - Microchip Technology 24LCS22A Datasheet HTML 11Page - Microchip Technology 24LCS22A Datasheet HTML 12Page - Microchip Technology 24LCS22A Datasheet HTML 13Page - Microchip Technology 24LCS22A Datasheet HTML 14Page - Microchip Technology 24LCS22A Datasheet HTML 15Page - Microchip Technology 24LCS22A Datasheet HTML 16Page - Microchip Technology 24LCS22A Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
 2003 Microchip Technology Inc.
DS21682B-page 13
24LCS22A
FIGURE 7-2:
RANDOM READ
FIGURE 7-3:
SEQUENTIAL READ
7.3
Sequential Read
Sequential reads are initiated in the same way as a
random read except that after the 24LCS22A transmits
the first data byte, the master issues an acknowledge
as opposed to a Stop condition in a random read. This
directs the 24LCS22A to transmit the next sequentially
addressed 8-bit word (Figure 7-3).
To provide sequential reads the 24LCS22A contains an
internal address pointer which is incremented by one at
the completion of each operation. This address pointer
allows the entire memory contents to be serially read
during one operation.
7.4
Noise Protection
The 24LCS22A employs a VCC threshold detector
circuit which disables the internal erase/write logic if the
VCC is below 1.5 volts at nominal conditions.
The SDA, SCL and VCLK inputs have Schmitt Trigger
and filter circuits which suppress noise spikes to assure
proper device operation even on a noisy bus.
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
CONTROL
BYTE
WORD
ADDRESS
DATA n
A
C
K
S
T
A
R
T
N
O
S
T
A
R
CONTROL
BYTE
A
C
K
A
C
K
SS
T
P
S
T
O
P
10 1 0 0 0 00
0
0
0
0
01
1
1
A
C
K
A
C
K
P
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
CONTROL
BYTE
DATA n
DATA n+1
DATA n+2
DATA n+X
A
C
K
A
C
K
A
C
K
N
O
A
C
K
S
T
O
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com