Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT163MTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74ACT163MTR
Description  SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT163MTR Datasheet(HTML) 2 Page - STMicroelectronics

  74ACT163MTR Datasheet HTML 1Page - STMicroelectronics 74ACT163MTR Datasheet HTML 2Page - STMicroelectronics 74ACT163MTR Datasheet HTML 3Page - STMicroelectronics 74ACT163MTR Datasheet HTML 4Page - STMicroelectronics 74ACT163MTR Datasheet HTML 5Page - STMicroelectronics 74ACT163MTR Datasheet HTML 6Page - STMicroelectronics 74ACT163MTR Datasheet HTML 7Page - STMicroelectronics 74ACT163MTR Datasheet HTML 8Page - STMicroelectronics 74ACT163MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
74ACT163
2/13
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care; A, B, C, D; Logic level of data input; CARRY OUT : TE x QA x QB x QC x QD
LOGIC DIAGRAM
PIN No
SYMBOL
NAME AND FUNCTION
1
CLEAR
Master Reset
2
CLOCK
Clock Input (LOW to
HIGH Edge Trigger)
3, 4, 5, 6
A, B, C, D
Data Inputs
7
PE
Count Enable Input
10
TE
Count Enable Carry Input
9LOAD
Parallel Enable Input
14, 13, 12,
11
QA toQD
Flip-Flop Outputs
15
CARRY OUT Terminal Count Output
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUTS
OUTPUTS
FUNCTION
CLEAR
LOAD
PE
TE
CK
L
X
X
X
L
L
L
L
RESET TO "0"
H
L
X
X
A
B
C
D
PRESET DATA
H
H
X
L
NO CHANGE
NO COUNT
H
H
L
X
NO CHANGE
NO COUNT
HHHH
COUNT UP
COUNT
H
X
X
X
NO CHANGE
NO COUNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com