Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC4015SSD-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMC4015SSD-13
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC4015SSD-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMC4015SSD-13 Datasheet HTML 1Page - Diodes Incorporated DMC4015SSD-13 Datasheet HTML 2Page - Diodes Incorporated DMC4015SSD-13 Datasheet HTML 3Page - Diodes Incorporated DMC4015SSD-13 Datasheet HTML 4Page - Diodes Incorporated DMC4015SSD-13 Datasheet HTML 5Page - Diodes Incorporated DMC4015SSD-13 Datasheet HTML 6Page - Diodes Incorporated DMC4015SSD-13 Datasheet HTML 7Page - Diodes Incorporated DMC4015SSD-13 Datasheet HTML 8Page - Diodes Incorporated DMC4015SSD-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DMC4015SSD
Document number: DS37348 Rev. 4 - 2
2 of 9
www.diodes.com
June 2018
© Diodes Incorporated
DMC4015SSD
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value_Q1
Value_Q2
Units
Drain-Source Voltage
VDSS
40
-40
V
Gate-Source Voltage
VGSS
±20
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
8.6
6.8
-6.2
-4.9
A
t<10s
TA = +25°C
TA = +70°C
ID
12.2
9.8
-8.8
-7.1
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
80
-50
A
Maximum Body Diode Forward Current (Note 6)
IS
2.5
-2.2
A
Pulsed Source Current (10µs Pulse, Duty Cycle = 1%)
ISM
80
-50
A
Avalanche Current (Note 7) L = 0.1mH
IAS
27
-25
A
Avalanche Energy (Note 7) L = 0.1mH
EAS
37
32
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.2
W
TA = +70°C
0.9
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RϴJA
106
°C/W
t<10s
45
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.7
W
TA = +70°C
1.1
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RϴJA
76
°C/W
t<10s
37
Thermal Resistance, Junction to Case (Note 6)
RϴJC
12
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics N-Channel Q1 (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
40
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS


1
µA
VDS = 40V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
1
3
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
15
m
Ω
VGS = 10V, ID = 3A
20
VGS = 4.5V, ID = 3A
Diode Forward Voltage
VSD
0.7
1.0
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
1810
pF
VDS = 20V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
135
Reverse Transfer Capacitance
Crss
112
Gate Resistance
RG

1.7

Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
19
nC
VDS = 20V, ID = 3A
Total Gate Charge (VGS = 10V)
Qg
40
Gate-Source Charge
Qgs
5.5
Gate-Drain Charge
Qgd
6.3
Turn-On Delay Time
tD(on)
5.1
nS
VDD = 20V, ID = 3A
VGS = 10V, RG = 3Ω,
Turn-On Rise Time
tr
5.7
Turn-Off Delay Time
tD(off)
23
Turn-Off Fall Time
tf

6.3

Body Diode Reverse Recovery Time
trr

12.2

nS
IS = 3A, dI/dt = 100A/μs
Body Diode Reverse Recovery Charge
Qrr

5.4

nC
IS = 3A, dI/dt = 100A/μs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com