Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC4047LSD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMC4047LSD
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC4047LSD Datasheet(HTML) 2 Page - Diodes Incorporated

  DMC4047LSD Datasheet HTML 1Page - Diodes Incorporated DMC4047LSD Datasheet HTML 2Page - Diodes Incorporated DMC4047LSD Datasheet HTML 3Page - Diodes Incorporated DMC4047LSD Datasheet HTML 4Page - Diodes Incorporated DMC4047LSD Datasheet HTML 5Page - Diodes Incorporated DMC4047LSD Datasheet HTML 6Page - Diodes Incorporated DMC4047LSD Datasheet HTML 7Page - Diodes Incorporated DMC4047LSD Datasheet HTML 8Page - Diodes Incorporated DMC4047LSD Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DMC4047LSD
Document number: DS36206 Rev. 4 - 2
2 of 9
www.diodes.com
November 2013
© Diodes Incorporated
DMC4047LSD
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value_Q2
Value_Q1
Units
Drain-Source Voltage
VDSS
40
-40
V
Gate-Source Voltage
VGSS
±20
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
7.0
5.6
-5.1
-4.1
A
t<10s
TA = +25°C
TA = +70°C
ID
9.0
7.2
-6.5
-5.2
A
Maximum Body Diode Forward Current (Note 6)
IS
2.5
-2.5
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
70
-40
A
Avalanche Current (Notes 7) L = 0.1mH
IAR
20
20
A
Repetitive Avalanche Energy (Notes 7) L = 0.1mH
EAR
20
20
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.3
W
TA = +70°C
0.8
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RJA
98
°C/W
t<10s
59
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.8
W
TA = +70°C
1.1
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RθJA
71
°C/W
t<10s
43
Thermal Resistance, Junction to Case (Note 6)
RθJC
11.8
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics N-Channel Q2 (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
40
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS


1
µA
VDS = 40V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
1.4
2.4
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
15
24
mΩ
VGS = 10V, ID = 6A
20
32
VGS = 4.5V, ID = 5A
Diode Forward Voltage
VSD
0.7
1.0
V
VGS = 0V, IS = 1.0A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
1060
pF
VDS = 20V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
84
Reverse Transfer Capacitance
Crss
58
Gate Resistance
RG

1.6

Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
8.8
nC
VDS = 20V, ID = 8A
Total Gate Charge (VGS = 10V)
Qg

19.1

Gate-Source Charge
Qgs
3.0
Gate-Drain Charge
Qgd
2.5
Turn-On Delay Time
tD(on)
5.3
nS
VDD = 25V, RL = 2.5Ω
VGS = 10V, RG = 3Ω
Turn-On Rise Time
tr
7.1
Turn-Off Delay Time
tD(off)
15.1
Turn-Off Fall Time
tf

4.8

Body Diode Reverse Recovery Time
trr

10.5

nS
IF = 8A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
Qrr

4.15

nC
IF = 8A, di/dt = 100A/μs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com