Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC6040SSD-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMC6040SSD-13
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC6040SSD-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMC6040SSD-13 Datasheet HTML 1Page - Diodes Incorporated DMC6040SSD-13 Datasheet HTML 2Page - Diodes Incorporated DMC6040SSD-13 Datasheet HTML 3Page - Diodes Incorporated DMC6040SSD-13 Datasheet HTML 4Page - Diodes Incorporated DMC6040SSD-13 Datasheet HTML 5Page - Diodes Incorporated DMC6040SSD-13 Datasheet HTML 6Page - Diodes Incorporated DMC6040SSD-13 Datasheet HTML 7Page - Diodes Incorporated DMC6040SSD-13 Datasheet HTML 8Page - Diodes Incorporated DMC6040SSD-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DMC6040SSD
Document number: DS36829 Rev. 1 - 2
2 of 9
www.diodes.com
June 2014
© Diodes Incorporated
DMC6040SSD
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Q1
Q2
Units
Drain-Source Voltage
VDSS
60
-60
V
Gate-Source Voltage
VGSS
±20
±20
V
Continuous Drain Current (Note 6) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
5.1
4.1
-3.1
-2.5
A
t<10s
TA = +25°C
TA = +70°C
ID
6.5
5.2
-3.9
-3.1
A
Maximum Body Diode Forward Current (Note 6)
IS
2.1
-2.1
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
28
-19
A
Avalanche Current (Note 7) L = 0.1mH
IAS
17.2
-17.6
A
Avalanche Energy (Note 7) L = 0.1mH
EAS
14.7
15.4
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.24
W
TA = +70°C
0.8
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
101
°C/W
t < 10s
61
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.56
W
TA = +70°C
1.0
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RθJA
80
°C/W
t<10s
49
Thermal Resistance, Junction to Case (Note 6)
RθJC
14.7
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics N-Channel Q1 (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
60
⎯
⎯
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
1
µA
VDS = 48V, VGS = 0V
Gate-Source Leakage
IGSS
⎯
⎯
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
1
⎯
3
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS (ON)
⎯
33
40
mΩ
VGS = 10V, ID = 8A
⎯
37
55
VGS = 4.5V, ID = 5A
Diode Forward Voltage
VSD
⎯
0.7
1.2
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
⎯
1130
⎯
pF
VDS = 15V, VGS = 0V f = 1.0MHz
Output Capacitance
Coss
⎯
69
⎯
Reverse Transfer Capacitance
Crss
⎯
42
⎯
Gate Resistance
RG
⎯
1.7
⎯
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 10V)
Qg
⎯
20.8
⎯
nC
VDS = 30V, ID = 4.3A
Total Gate Charge (VGS = 4.5V)
Qg
⎯
9.4
⎯
Gate-Source Charge
Qgs
⎯
3.3
⎯
Gate-Drain Charge
Qgd
⎯
3.0
⎯
Turn-On Delay Time
tD(on)
⎯
3.6
⎯
nS
VGS = 10V, VDD = 30V, RG = 6Ω,
ID = 4.3A
Turn-On Rise Time
tr
⎯
1.8
⎯
Turn-Off Delay Time
tD(off)
⎯
20.1
⎯
Turn-Off Fall Time
tf
⎯
4.3
⎯
Body Diode Reverse Recovery Time
trr
⎯
14.2
⎯
nS
IS = 4.3A, dI/dt = 100A/μs
Body Diode Reverse Recovery Charge
Qrr
⎯
7.5
⎯
nC
IS = 4.3A, dI/dt = 100A/μs
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. UIS in production with L = 0.1mH, starting TA = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com