Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN10H220LFDF Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN10H220LFDF
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN10H220LFDF Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN10H220LFDF Datasheet HTML 1Page - Diodes Incorporated DMN10H220LFDF Datasheet HTML 2Page - Diodes Incorporated DMN10H220LFDF Datasheet HTML 3Page - Diodes Incorporated DMN10H220LFDF Datasheet HTML 4Page - Diodes Incorporated DMN10H220LFDF Datasheet HTML 5Page - Diodes Incorporated DMN10H220LFDF Datasheet HTML 6Page - Diodes Incorporated DMN10H220LFDF Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMN10H220LFDF
Datasheet number: DS42084 Rev. 2 - 2
5 of 7
www.diodes.com
February 2020
© Diodes Incorporated
DMN10H220LFDF
0.001
0.01
0.1
1
1E-05
0.0001
0.001
0.01
0.1
1
10
100
1000
10000 100000 1000000
t1, PULSE DURATION TIME (sec)
Figure 13. Transient Thermal Resistance
RθJA (t) = r(t) * RθJA
RθJA = 100.7℃/W
Duty Cycle, D = t1/t2
D=Single Pulse
D=0.005
D=0.01
D=0.02
D=0.05
D=0.1
D=0.3
D=0.5
D=0.7
D=0.9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com