Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPLS160 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DPLS160
Description  LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DPLS160 Datasheet(HTML) 3 Page - Diodes Incorporated

  DPLS160 Datasheet HTML 1Page - Diodes Incorporated DPLS160 Datasheet HTML 2Page - Diodes Incorporated DPLS160 Datasheet HTML 3Page - Diodes Incorporated DPLS160 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
200
400
600
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Fig. 3 Typical DC Current Gain vs. Collector Current
0
0.1
0.2
0.3
0.4
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Fig. 6 Typical Base-Emitter Saturation Voltage
vs. Collector Current
T = 85°C
A
T = 150°C
A
T = 25°C
A
T = -55°C
A
I/I = 20
CB
0
20
40
60
80
100
120
0.01
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 7 Typical Total Capacitance
f = 1MHz
C
ibo
Cobo
0
50
100
150
200
250
0
10
2030
40
5060
7080
90 100
I , COLLECTOR CURRENT (mA)
C
Fig. 8 Typical Gain-Bandwidth Product
vs. Collector Current
V
= -10V
f = 100MHz
CE
DS31389 Rev. 4 - 2
3 of 4
www.diodes.com
DPLS160
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com