Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DUSBULC6-CSP4 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DUSBULC6-CSP4
Description  2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DUSBULC6-CSP4 Datasheet(HTML) 2 Page - Diodes Incorporated

  DUSBULC6-CSP4 Datasheet HTML 1Page - Diodes Incorporated DUSBULC6-CSP4 Datasheet HTML 2Page - Diodes Incorporated DUSBULC6-CSP4 Datasheet HTML 3Page - Diodes Incorporated DUSBULC6-CSP4 Datasheet HTML 4Page - Diodes Incorporated DUSBULC6-CSP4 Datasheet HTML 5Page - Diodes Incorporated DUSBULC6-CSP4 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DUSBULC6-CSP4
Document number: DS37554 Rev. 4
– 4
2 of 6
www.diodes.com
April 2017
© Diodes Incorporated
DUSBULC6-CSP4
PART OBSOLETE
– NO ALTERNATE PART
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Power Dissipation
PPP
70
W
8/20µs (Note 5)
Peak Pulse Current
IPP
7.5
A
8/20
μs (Note 5)
ESD Protection
– Contact Discharge
VESD_Contact
±15
kV
Standard IEC 61000-4-2
ESD Protection
– Air Discharge
VESD_Air
±15
kV
Standard IEC 61000-4-2
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Ambient Typical (Note 5)
RθJA
+206
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Breakdown Voltage
VBR
6
−
9
V
IR = 1mA
Reverse Leakage Current (Note 6)
IR
−
−
70
nA
VR =3V
Dynamic Impedance
Rd
−
0.35
−
Ω
IPP = 1 to 5A,
8/20μs
Channel Input Capacitance
CIN
−
0.8
1.2
pF
VIN = 0V, f = 1MHz, VOSC = 30mV
Notes:
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes, Inc. suggested pad layout AP02001, which can be found on our website
at http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
F(Hz
)
Figure 1. Eye diagram, board only
(according to USB2.0 high speed specif ication)
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
F(Hz
)
Figure 2. Eye diagram, board with DUSBULC6-CSP4
(according to USB2.0 high speed specif ication)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com