Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH71072 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TH71072
Description  ASK Transmitter / LO Source
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TH71072 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TH71072 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH71072 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH71072 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH71072 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH71072 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH71072 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH71072 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH71072 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH71072 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TH71072
315/433MHz
ASK Transmitter / LO Source
3901071072
Page 7 of 10
Data Sheet
Rev. 004
Dec. 2001
Test Circuit
Fig. 2: Test circuit for ASK
with 50
Ω matching network
Test circuit component list to Fig. 2
Part
Size
Value
Tolerance
Description
CF1
0603
10 nF
±10%
loop filter capacitor
CF2
0603
150 pF
±10%
loop filter capacitor
CX
0603
120 pF
±10%
XOSC capacitor
C1
0603
1 nF
±5%
impedance matching capacitor
C2
0603
3.3 pF
±5%
impedance matching capacitor
C3
0603
330 pF
±10%
blocking capacitor
C4
0805
33 nF
±10%
blocking capacitor
L1
0603
270 nH
±5%
impedance matching inductor
L2
0603
56 nH
±5%
impedance matching inductor
RF1
0603
470
Ω±10%
foop filter resistor
R1
0603
See output power
selection table
±10%
ASK power-select resistor, not requirement at CW mode
R2
0603
See output power
selection table
±10%
ASK or CW mode power-select resistor
XTAL
HC49/S
13.55 MHz
fundamental wave
±30ppm
calibration
±30ppm temp.
crystal, Cload = 12 pF to 15 pF, C0, max = 7 pF,
Rm, max = 60
Ω
L1
L2
XTAL
CX
RF1
R1
CF1
CF2
C1
1 2
12 3
1 2
C3
OUT
C2
R2
C4
1 2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com