Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G8HN-1A2T-R Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G8HN-1A2T-R
Description  Micro ISO Automotive Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8HN-1A2T-R Datasheet(HTML) 2 Page - Omron Electronics LLC

  G8HN-1A2T-R Datasheet HTML 1Page - Omron Electronics LLC G8HN-1A2T-R Datasheet HTML 2Page - Omron Electronics LLC G8HN-1A2T-R Datasheet HTML 3Page - Omron Electronics LLC G8HN-1A2T-R Datasheet HTML 4Page - Omron Electronics LLC G8HN-1A2T-R Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Micro ISO Automotive Relay
G8HN
2
Specifications
■ Coil Ratings (at 20°C)
■ Contact Data
■ Characteristics
Note: Typical data includes coil suppression. Release times may decrease without coil suppression.
Model
Rated voltage
Coil resistance
±20%
Coil resistance
w/680
suppression
±10%
Nominal
power
consumption
Pull in voltage
Dropout
voltage
G8HN-1A2T-R
12 VDC
110
95
1309 mW
< 8.0 V
> 0.7 V
G8HN-1A2T-H62
< 7.0 V
> 0.5 V
G8HN-1C2T-R
< 8.5 V
> 1.0 V
Item
Description
Max. switching current
Inrush 60 A (NO), 30 A (NC), steady 20 A (NO), 10 A (NC)
Max. switching voltage
16 V
Min. carry/switching current
1 A
Contact material
Silver tin oxide (cadmium free)
Max. initial contact voltage drop
150 mV @ 20 A (NO), 175 mV @ 10 A (NC)
Operate time
20 ms max. @ 12 VDC
Release time
10 ms max. (see note)
Bounce time
Operate
5 ms max.
Release
10 ms. max.
Switching frequency
Mechanical
18,000 operations per hour
Insulation resistance
20 M
Ω min (at 500 VDC)
Dielectric strength
1.0 mA max. leakage at 440 VAC, 50 - 60 Hz for 1 minute between coil and
contacts and between contacts (10 M
Ω for SPST)
Vibration
Mechanical durability
20 - 500 Hz, 43.1 m/s2
Malfunction durability
20 - 500 Hz, 43.1 m/s2
Shock
Mechanical durability
1000 m/s2
Malfunction durability
100 m/s2
Ambient operating temperature
-40
°C to 125°C
Humidity
45% to 85% RH
Service life
Mechanical
10,000,000 operations min.
Electrical
100,000 operations min. (load dependent)
Weight
20.0g (approx.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com