Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBO30 Datasheet(PDF) 2 Page - IXYS Corporation

Part # VBO30
Description  Single Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VBO30 Datasheet(HTML) 2 Page - IXYS Corporation

  VBO30 Datasheet HTML 1Page - IXYS Corporation VBO30 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2004 IXYS All rights reserved
2 - 2
IXYS reserves the right to change limits, test conditions and dimensions.
VBO 30
Fig. 1 Forward current versus
voltage drop per diode
Fig. 2 Surge overload current per diode
I
FSM: Crest value. t: duration
Fig. 3
∫i2dt versus time
(1-10ms) per diode or thyristor
Fig. 4 Power dissipation versus direct output current and ambient temperature
Fig.5 Maximum forward current
at case temperature
Fig. 6 Transient thermal impedance per diode or thyristor, calculated
1.0
1.5
2.0
2.5
3.0
0
50
100
150
200
V [V]
F
I
F
[A]
1:T
= 150°C
VJ
2:T
= 25°C
VJ
1
2
0.4
0.6
0.8
1
1.2
1.4
1.6
10
0
10
1
10
2
10
3
t[ms]
I
(A)
FSM
TVJ=45°C
TVJ=150°C
400
360
I
------
IFSM
F(OV)
0 VRRM
1/2 V RRM
1 VRRM
2
4
6
10
TVJ=45°C
TVJ=1 50°C
t [ms ]
1
10
10
2
3
As
2
30
10
0
20
40
60
80
50
55
60
65
70
75
80
85
90
95
100
105
110
115
120
125
130
135
140
145
150
T C
° C
DC
sin.180°
rec.120°
rec.60°
rec.30°
5.57
2.23
1.12
0.57
0.29 0.01
= RTHCA [K/W]
I F AV M
[A ]
Tamb
[K]
05 0
10 0
1 5 0
[W ]
PVTOT
PSB 35
50
100
150
200
0
10
20
30
40
DC
.180°
.120°
.60°
sin
rec
rec
rec.30°
T (°C)
C
I
dAV
[A]
0.01
0.1
1
10
1
2
3
4
5
K/W
Z th
t[s]
Z
thJK
Z
thJC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com