Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT310 Datasheet(PDF) 2 Page - EnOcean GmbH.

Part # ECT310
Description  EnOcean powered by Thermal Energy
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.

ECT310 Datasheet(HTML) 2 Page - EnOcean GmbH.

  ECT310 Datasheet HTML 1Page - EnOcean GmbH. ECT310 Datasheet HTML 2Page - EnOcean GmbH.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRELIMINARY DATA SHEET
© EnOcean | www.enocean.com
Subject to modifications | March 2012 | Page 2/ 2
Thermo powered STM 312 radio sensor
Thermo powered actuator with STM 300
Dimensions & Pinout (Top View)
Technical Data
Input start-up voltage
20 mV typ. oc
Input voltage max.
500 mV oc
(oc = open circuit)
Output voltage
3 .. 5 V
(input = 20 .. 500 mV, load < 10 MΩ)
Input source impedance
< 2 Ohm
Efficiency @ 25 mV
30 % typ.
Operating temperature
-20 °C .. +60 °C
Storage temperature
-40 °C .. +85 °C
Humidity
0 .. 93 % rH,
non-condensing
Packaging Information
Ordering Information
Note
EnOcean GmbH owns multiple patents in the area of
self-powered applications. An overview can be found at
following link: http://www.enocean.com/en/patents/ .
Patent pending for ECT 310.
Purchase of the ECT 310 DC/DC converter module or
ECT 310 developer kit does not give the right to use
this component to power any radio interface other
than the EnOcean Radio protocol.
Type
ECT 310 Module
EDK 312 Dev Kit
868 MHz
EDK 312C Dev Kit
315 Mhz
Ordering Code
S3004-P310
S3004-X312
S3034-X312



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com