Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EOSCU Datasheet(PDF) 1 Page - EnOcean GmbH.

Part # EOSCU
Description  Occupancy Sensor Ceiling Mounted
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.

EOSCU Datasheet(HTML) 1 Page - EnOcean GmbH.

  EOSCU Datasheet HTML 1Page - EnOcean GmbH. EOSCU Datasheet HTML 2Page - EnOcean GmbH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EOSCA / EOSCU / EOSCJ
Occupancy Sensor Ceiling Mounted
Saving energy without sacrificing comfort can be effortless with occupancy based controls. The
Ceiling Mounted Occupancy Sensor enables a new level of energy saving control for rooms, hallways
and other common areas. The Occupancy sensor uses radio frequency technology to communicate
wirelessly with other EnOcean-enabled devices to set back temperature and turn off lights and elec-
trical loads when a space has been unoccupied for a set period of time. Because the sensors are
wireless there is no need to run additional wiring and installation can be completed in a matter of
minutes. The sensor is self-powered by harvesting energy from indoor light, eliminating the need for
periodic battery changes. The clean, contemporary styling makes it an attractive addition to any
décor.
Features & Benefits
• Self-powered.
Two integrated solar cells enable
indoor light energy harvesting to power the device
and eliminate the need for wires or batteries.
•
PIR motion sensor with 360 degree viewing angle
lens for maximum efficiency in different room
settings.
•
Two molded buttons with LED indicator lights
can beused to link and configure the device.
•
Internal tray accommodates supplemental coin
cellbattery for use in low light environments.
© EnOcean 2022


Similar Part No. - EOSCU

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
EOS-1200 ADLINK-EOS-1200 Datasheet
286Kb / 1P
4-CH GigE Vision Embedded Vision System
EOS-1300 ADLINK-EOS-1300 Datasheet
287Kb / 2P
4CH Compact Gige Vision System
logo
Emcore Corporation
EOS-6000 EMCORE-EOS-6000 Datasheet
261Kb / 3P
Optical A/B Switch
EOS-6000 EMCORE-EOS-6000 Datasheet
239Kb / 2P
Optical A/B Switch
EOS-6000 EMCORE-EOS-6000_12 Datasheet
239Kb / 2P
Optical A/B Switch
More results

Similar Description - EOSCU

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
59250-1-S-01-A HAMLIN-59250-1-S-01-A Datasheet
89Kb / 1P
Seating Occupancy Reed Switch Sensor Features and Benefits
59251-1-S-01-A HAMLIN-59251-1-S-01-A Datasheet
89Kb / 1P
Seating Occupancy Reed Switch Sensor Features and Benefits
logo
Lumins Inc.
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
Ceiling mount
logo
List of Unclassifed Man...
CM0203F2102806 ETC2-CM0203F2102806 Datasheet
1Mb / 10P
Ceiling-mounted 3dBi Wide-band Antenna 700MHz to 6GHz
TWO-CL ETC2-TWO-CL Datasheet
373Kb / 2P
ZenNet Self-powered Wireless Ceiling-mount Sensor
logo
Taoglas antenna solutio...
CM.02.03F21.02806 TAOGLAS-CM.02.03F21.02806_17 Datasheet
758Kb / 11P
CEILING-MOUNTED 3DBI WIDE-BAND ANTENNA 700MHZ TO 6GHZ
logo
TE Connectivity Ltd
1-1773963-2 TEC-1-1773963-2 Datasheet
1Mb / 2P
CEILING MOUNTED MIMO WIFI ANTENNA
logo
EnOcean GmbH.
EOSDA ENOCEAN-EOSDA Datasheet
369Kb / 4P
Occupancy Sensor Sub Desk Installation Guide
V2.1 2020
EOSWA ENOCEAN-EOSWA Datasheet
198Kb / 2P
Occupancy Sensor Wall Mounted
v2.3 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com