Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EOSDA Datasheet(PDF) 1 Page - EnOcean GmbH.

Part # EOSDA
Description  Occupancy Sensor Sub Desk Installation Guide
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.

EOSDA Datasheet(HTML) 1 Page - EnOcean GmbH.

  EOSDA Datasheet HTML 1Page - EnOcean GmbH. EOSDA Datasheet HTML 2Page - EnOcean GmbH. EOSDA Datasheet HTML 3Page - EnOcean GmbH. EOSDA Datasheet HTML 4Page - EnOcean GmbH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EOSD - Occupancy Sensor Sub Desk
Installation Guide
Copyright EnOcean © 2020
Page 1 of 4
EOSD_Installation_Guide_V2.1
Package Contents
 Occupancy Sensor
 Desk mounting plate with double sided adhesive tape for
easy mounting (screwing optional)
 CR2032 battery
Product Description
The Sub-desk mounted Occupancy Sensor is detecting when a
desk is occupied or vacant based on motion in the space
underneath the desk.
This device is wireless, and uses a passive infrared (PIR) sensor to
detect such motion. The occupancy sensor transmits RF signals
to control desk power supply or sends people counting
information to an IoT space utilization system.
Functional Description
If motion is detected by the permanently active PIR sensor, a
radio telegram indicating the occupied status will transmit
immediately. A transmission interval timer starts to run with a 2
minute lockout timer. No radio telegrams will be sent out until
the timer expires.
After the timer has expired, the unit will transmit occupancy
upon new motion detection. An unoccupied message will be
sent if no motion is detected for an extended period - sending
the first at 10 minutes, then again at 30 minutes. A heartbeat
message can also be enabled (see “Optional Settings”).
Specifications (typ. values)
Power Supply: CR2032 battery
RF Transmission Range 80 ft. (25 m)
Motion Sensing Range
>1 m
Battery Life:
6.5 yrs
Motion Transmission
Interval
2 minutes
Unoccupied Transmission 10 and 30 minutes since last motion
Heartbeat Transmission
Interval (unoccupied)
Disabled by default
Enabled = heartbeat @ 1 hr interval
(after unnocupied messages)
EnOcean Equipment
Profile
EEP A5-07-01
RF Communications EOSDA: EnOcean 868 MHz
EOSDU: EnOcean 902 MHz
Dimensions 6.30” L x 2.35” W x 1.47” D
(160mm x 60mm x 37mm)
Weight 4.4 oz. (125 g)
Mounting Height 2.45-3.15 feet (70 – 90cm)
recommended
Environment Indoor use only
14° to 104°F (-10° to 40°C)
20% to 95% relative humidity
(non-condensing)
Agency Compliance EOSDA: RoHS, CE, RE-D
EOSDU: FCC, IC


Similar Part No. - EOSDA

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
EOS-1200 ADLINK-EOS-1200 Datasheet
286Kb / 1P
4-CH GigE Vision Embedded Vision System
EOS-1300 ADLINK-EOS-1300 Datasheet
287Kb / 2P
4CH Compact Gige Vision System
logo
Emcore Corporation
EOS-6000 EMCORE-EOS-6000 Datasheet
261Kb / 3P
Optical A/B Switch
EOS-6000 EMCORE-EOS-6000 Datasheet
239Kb / 2P
Optical A/B Switch
EOS-6000 EMCORE-EOS-6000_12 Datasheet
239Kb / 2P
Optical A/B Switch
More results

Similar Description - EOSDA

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
59250-1-S-01-A HAMLIN-59250-1-S-01-A Datasheet
89Kb / 1P
Seating Occupancy Reed Switch Sensor Features and Benefits
59251-1-S-01-A HAMLIN-59251-1-S-01-A Datasheet
89Kb / 1P
Seating Occupancy Reed Switch Sensor Features and Benefits
logo
THOR communications
F-RF-R THOR-F-RF-R Datasheet
478Kb / 8P
Installation and User Guide
logo
Jinan Jing Heng Electro...
TEST10-20W JINGHENG-TEST10-20W Datasheet
1Mb / 17P
AMD RAID Installation Guide
logo
Semtech Corporation
DMTX-19V15W SEMTECH-DMTX-19V15W Datasheet
1Mb / 14P
LinkCharge??CT User and Installation Guide
logo
Future Technology Devic...
US232B-100-BULK FTDI-US232B-100-BULK Datasheet
334Kb / 2P
User Manual and Installation Guide
US232B-100-KIT FTDI-US232B-100-KIT Datasheet
334Kb / 2P
User Manual and Installation Guide
logo
EnOcean GmbH.
EOSCA ENOCEAN-EOSCA Datasheet
188Kb / 2P
Occupancy Sensor Ceiling Mounted
V2.4 April 2022
EOSWA ENOCEAN-EOSWA Datasheet
198Kb / 2P
Occupancy Sensor Wall Mounted
v2.3 2022
logo
Molex Electronics Ltd.
AS-33611-001 MOLEX-AS-33611-001 Datasheet
328Kb / 4P
MX150 CPA INSTALLATION GUIDE
2014/09/26
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com