Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8714ED/R Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8714ED/R
Description  24-bit, 96kHz Stereo DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8714ED/R Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8714ED/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8714ED/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8714ED/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8714ED/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8714ED/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8714ED/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8714ED/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8714ED/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8714ED/R Datasheet HTML 17Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
WM8714
Production Data
w
PD Rev 4.0 November 2004
13
DE-EMPHASIS CONTROL
DEEMPH (pin 12) is an input control for selection of de-emphasis filtering to be applied.
DEEMPH
DE-EMPHASIS
0
Off
1
On
Table 4 De-emphasis Control
DIGITAL FILTER CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Passband Edge
-3dB
0.487fs
Passband Ripple
f < 0.444fs
±0.25
dB
Stopband Attenuation
f > 0.555fs
-40
dB
Table 5 Digital Filter Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com