Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM350 Datasheet(PDF) 1 Page - EnOcean GmbH.

Part # STM350
Description  Dolphin Temperature and Humidity Sensor Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.

STM350 Datasheet(HTML) 1 Page - EnOcean GmbH.

  STM350 Datasheet HTML 1Page - EnOcean GmbH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
© EnOcean | www.enocean.com
Datasheet - Subject to modifications | Oct 2019
Features overview
Antenna
50 Ohm helix antenna (on-board)
Radio Frequency / Data Rate
STM 350
868.3 MHz ASK / 125 kbps
STM 350U
902.875 FSK / 125 kbps
Radiated Output Power (typ.)
+5 dBm
On-board Power Supply
Pre-installed solar cell
Auxiliary Power Supply
Option for backup battery (3V)
Operation time in darkness @ 25°C
min. 10 days, if energy storage fully charged 1)
Sensor performance
Temperature: ±0.5 K across entire range
Humidity: ±3.0 % r.h. between 20 … 80 % r.h.
Measurement interval
Approximately once every 100 s
Transmission interval
Every 7 … 14 measurements (affected at random)
Immediate transmission in case of significant change
EnOcean Equipment Profile (EEP)
A5-04-03
SIGNAL 0x06 (Energy Level Reporting)
SIGNAL 0x0E (Entering Transport Mode)
Operating and Storage temperature
Absolute Maximum: -20 °C … +60 °C
Recommended1: +10 °C…+30 °C
Shelf life (in absolute darkness)
36 months after delivery1
36 months after delivery2)
Operating and storage humidity
Maximum: 0% … 93% r.h., non-condensing
Recommended: < 60% r.h.
Dimensions
50±0.2 x 16±0.3 x 10mm
1 Energy storage performance degrades over life time, especially if energy storage is long time
exposed to very high temperatures. High temperatures will accelerate aging. Very low temperature
will temporary reduce capacity of energy store and this leads to considerable shorter dark time operation.
2 Deep discharge of the energy storage leads to degradation of performance.
Therefore products have to be taken into operation after 36 months.
STM 350 / STM 350U
Dolphin Temperature and
Humidity Sensor Module
Dolphin STM 350 modules enable the reali-
zation of energy harvesting temperature and
humidity sensors that communicate wire-
lessly using the EnOcean radio standard.
They require no external components and
provide an on-board a calibrated tempera-
ture and humidity sensor.
STM 350 modules wake up at a rate of approx.
once every 100 seconds to read the status of the
integrated temperature and humidity sensor.
If there is a significant change in measured tem-
perature or humidity versus the last reported
values then a radio telegram will be transmitted
immediately. In case of no relevant change, a
redundant retransmission signal (heartbeat) is
sent after 15 minutes to announce the current
values.
Power is provided to STM 350 by means of a
small pre-installed solar cell which works in con-
junction with an integrated energy storage ele-
ment in order to ensure operation in periods
without ambient light.
STM 350 additionally provides the option to con-
nect an external 3 V backup battery to enable
operation with little or no available light.
TYPE
STM 350
STM 350U
ORDERING CODE
S3001-D350
S3051-D350


Similar Part No. - STM350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM351-2 STMICROELECTRONICS-STM351-2 Datasheet
33Kb / 3P
RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
STM351-2 STMICROELECTRONICS-STM351-2 Datasheet
33Kb / 3P
RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
More results

Similar Description - STM350

ManufacturerPart #DatasheetDescription
logo
Humirel
HTF3223 HUMIREL-HTF3223 Datasheet
142Kb / 4P
TEMPERATURE AND HUMIDITY MODULE
HTF3000LF HUMIREL-HTF3000LF Datasheet
347Kb / 5P
TEMPERATURE AND HUMIDITY MODULE
HTF3130 HUMIREL-HTF3130 Datasheet
1Mb / 4P
TEMPERATURE AND HUMIDITY MODULE
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
Humidity and Temperature Sensor
logo
Sensitron
SHT21 SENSITRON-SHT21 Datasheet
493Kb / 12P
Humidity and Temperature Sensor
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
Humidity and Temperature Sensor
MMT1001 ETC-MMT1001 Datasheet
263Kb / 3P
Resistive-type humidity and temperature sensor/module
logo
HOPE Microelectronics C...
TH08 HOPE-TH08 Datasheet
529Kb / 21P
HUMIDITY AND TEMPERATURE SENSOR
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
Humidity and Temperature Sensor
Version 3
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com