Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3L301DA Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3L301DA
Description  3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3L301DA Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3L301DA Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3L301DA Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3L301DA Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3L301DA Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3L301DA Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3L301DA Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3L301DA Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3L301DA Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3L301DA Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PS8665B
07/22/03
PI3L301D
3.3V, 16-Bit to 8-Bit, Mux/DeMux
Gigabit Ethernet LAN Switch with Single Enable
DC Electrical Characteristics for 10/100 Base-T Ethernet Switching over Operating Range
(TA = –40°C to +85°C, VCC = 3.3V ±10%)
Paramenter
Description
Test Conditions
Min. Typ.(2) Max. Units
VIH
Input HIGH Voltage
Guaranteed HIGH level
2.0
-
-
V
VIL
Input LOW Voltage
Guaranteed LOW level
–0.5
-
0.8
VIK
Clamp Diode Voltage
VCC = Max., IIN = –18mA
-
–0.7
–1.2
IIH
Input HIGH Current
VCC = Max., VIN = VCC
-
-
±5
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
-
-
±5
IOFF
Power Down Leakage Current
VCC = 0V, VA = 0V, VB ≤ 3.6
-
-
±5
RON
Switch On-Resistance(3)
VCC = Min., 1.25V ≤ VIN ≤ VCC,
IIN = –10mA to –30mA
-
-
8
Ω
RFLAT(ON)
On-Resistance Flatness(4)
VCC = Min., VIN @ 1.25V and VCC,
IIN = –10mA to –30mA
-
1.0
-
∆RON
On-Resistance match from center ports
to any other port(4)
VCC = Min., 1.25V ≤ VIN ≤ VCC,
IIN = –10mA to –30mA
-
0.9
2.0
DC Electrical Characteristics for 1000 Base-T Ethernet Switching over Operating Range
(TA = –40°C to +85°C, VCC = 3.3V ±10%)
Paramenter
Description
Test Conditions
Min. Typ.(2) Max. Units
VIH
Input HIGH Voltage
Guaranteed HIGH level
2
-
-
V
VIL
Input LOW Voltage
Guaranteed LOW level
–0.5
-
0.8
VIK
Clamp Diode Voltage
VCC = Max., IIN = –18mA
-
–0.7
–1.2
IIH
Input HIGH Current
VCC = Max., VIN = VCC
-
-
±5
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
-
-
±5
IOFF
Power Down Leakage Current
VCC = 0V, VA = 0V, VB ≤ 3.6
-
-
±5
RON
Switch On-Resistance(3)
VCC = Min., 1.5V ≤ VIN ≤ VCC,
IIN = –40mA
-
4
8
Ω
RFLAT(ON)
On-Resistance Flatness(4)
VCC = Min., VIN @ 1.5V and VCC,
IIN = –40mA
-
1
-
∆RON
On-Resistance match from center
ports to any other port(4)
VCC = Min., 1.5V ≤ VIN ≤ VCC,
IIN = –40mA
-
0.9
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com