Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1170D Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA1170D
Description  LOW-NOISE TV VERTICAL DEFLECTION SYSTEM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1170D Datasheet(HTML) 5 Page - STMicroelectronics

  TDA1170D Datasheet HTML 1Page - STMicroelectronics TDA1170D Datasheet HTML 2Page - STMicroelectronics TDA1170D Datasheet HTML 3Page - STMicroelectronics TDA1170D Datasheet HTML 4Page - STMicroelectronics TDA1170D Datasheet HTML 5Page - STMicroelectronics TDA1170D Datasheet HTML 6Page - STMicroelectronics TDA1170D Datasheet HTML 7Page - STMicroelectronics TDA1170D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ELECTRICAL CHARACTERISTICS
(refer to the AC test circuit, VS = 22V ; f = 50Hz ; Tamb =25
oC, unless otherwise specified)
AC CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Is
Supply Current
Iy = 1App
140
mA
I10
Sync. Input Current (positive or negative)
500
µA
V6
Flyback Voltage
Iy = 1App
45
V
tfly
Flyback Time
Iy = App
0.7
ms
VON
Peak to Peak Output Noise
Pin 11 Connected to GND
40
mVPP
fo
Free Running Frequency
(P1 = R1) = 260k
Ω, C2 = 0.1µF
(P1 = R1) = 300k
Ω, C2 = 0.1µF
48.5
42.2
Hz
Hz
∆f
Synchronization Range
I8 = 0.5mA
14
Hz
∆f
∆VS
Frequency Drift with Supply Voltage
Vs = 10 to 35V
0.005
Hz/V
∆f
∆Tpins
Frequency Drift vs. Pins 4, 5, 12 and 13
Temp.
Tpins = 40 to 120
°C
0.01
Hz/
°C
3
2
11
10
1
7
6
9
8
1N4001
100pF
Sync.
Input
S
P1
C2
R1
470pF
T
D
A
1
1
7
0
D
D
V
V
Rf
Rf
15
16
14
4
5
12 13
0.1mF
1W
470
µF
100
µF
0.1
µF
220k
Ω
0.1
µF
120k
Ω
910k
Ω
0.1
µF
0.1
µF
100k
Ω
47k
Ω
1.8k
Ω
22k
Ω
10
µF
1000
µF
3.3
Ω
220k
Ω
5.6k
Ω
5.6k
Ω
YOKE
Ry = 10
Ω
Ly = 20mH
V
= 22V
Figure 2 : AC Test Circuit
TDA1170D
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com