Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA4558RFVT Datasheet(PDF) 8 Page - Rohm

Part # BA4558RFVT
Description  Low Noise Operational Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558RFVT Datasheet(HTML) 8 Page - Rohm

Back Button BA4558RFVT Datasheet HTML 4Page - Rohm BA4558RFVT Datasheet HTML 5Page - Rohm BA4558RFVT Datasheet HTML 6Page - Rohm BA4558RFVT Datasheet HTML 7Page - Rohm BA4558RFVT Datasheet HTML 8Page - Rohm BA4558RFVT Datasheet HTML 9Page - Rohm BA4558RFVT Datasheet HTML 10Page - Rohm BA4558RFVT Datasheet HTML 11Page - Rohm BA4558RFVT Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
8/26
4.SEP.2012 Rev.003
TSZ22111・15・00
BA4558xxx, BA4558Rxxx
●Typical Performance Curves
○ BA4558
(*) The above data is measurement value of typical sample, it is not guaranteed.
0
200
400
600
800
1000
025
50
75
100
125
AMBIENT TEMPERTURE [
℃]
.
25℃
85℃
-40℃
Fig.3
Supply Current – Supply Voltage
0
5
10
15
20
25
30
0.1
1
10
LOAD RESISTANCE [k
Ω]
Fig.5
Maximum Output Voltage Swing
- Load Resistance
(VCC/VEE=+15V/-15V, Ta=25℃)
Fig.2
Derating Curve
0.0
1.0
2.0
3.0
4.0
5.0
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [ V]
85
BA4558F
BA4558FVM
BA4558FJ
BA4558FV/FVT
Fig.4
Supply Current – Ambient Temperature
0.0
1.0
2.0
3.0
4.0
5.0
- 50-25
0
25
50
75100
AMBIENT TEMPERATURE [℃]
±4 V
±15V
±7.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com