Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA4580RFVM Datasheet(PDF) 3 Page - Rohm

Part # BA4580RFVM
Description  Low Noise Operational Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4580RFVM Datasheet(HTML) 3 Page - Rohm

  BA4580RFVM Datasheet HTML 1Page - Rohm BA4580RFVM Datasheet HTML 2Page - Rohm BA4580RFVM Datasheet HTML 3Page - Rohm BA4580RFVM Datasheet HTML 4Page - Rohm BA4580RFVM Datasheet HTML 5Page - Rohm BA4580RFVM Datasheet HTML 6Page - Rohm BA4580RFVM Datasheet HTML 7Page - Rohm BA4580RFVM Datasheet HTML 8Page - Rohm BA4580RFVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200030-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
3/40
20.Nov.2014 Rev.003
TSZ22111・15・00
BA4580Rxxx BA4584FV BA4584Rxx
Ordering Information
B
A
4
5
8
x
x
x
x
x
-
x x
Part Number
BA4580Rxxx
BA4584FV
BA4584Rxx
Package
F
: SOP8
SOP14
FJ : SOP-J8
FV : SSOP-B14
FVT : TSSOP-B8
FVM : MSOP8
Packaging and forming specification
E2: Embossed tape and reel
(SOP8/SOP-J8/TSSOP-B8/SOP14/
SSOP-B14)
TR: Embossed tape and reel
(MSOP8)
Line-up
Operating
Temperature
Range
Operating Supply
Voltage Range
(Split Supply)
Supply
Current
(Typ)
Slew
Rate
(Typ)
Package
Orderable
Part Number
-40°C to +85°C
±2.0V to ±16.0V
12mA
5V/µs
SSOP-B14
Reel of 2500
BA4584FV-E2
-40°C to +105°C
6mA
SOP8
Reel of 2500
BA4580RF-E2
SOP-J8
Reel of 2500
BA4580RFJ-E2
TSSOP-B8
Reel of 3000
BA4580RFVT-E2
MSOP8
Reel of 3000
BA4580RFVM-TR
±2.0V to ±9.5V
11mA
SOP14
Reel of 2500
BA4584RF-E2
SSOP-B14
Reel of 2500
BA4584RFV-E2
Absolute Maximum Ratings (TA=25℃)
Parameter
Symbol
Ratings
Unit
BA4580Rxxx
BA4584FV
BA4584Rxx
Supply Voltage
VCC-VEE
+36
V
Power Dissipation
PD
SOP8
0.78
(Note1,7)
-
W
SOP-J8
0.67
(Note2,7)
-
TSSOP-B8
0.62
(Note3,7)
-
MSOP8
0.59
(Note4,7)
-
SOP14
-
-
0.61
(Note5,7)
SSOP-B14
-
0.87
(Note6,7)
Differential Input Voltage
(Note 8)
VID
+36
V
Input Common-mode Voltage Range
VICM
VEE to VEE+36
V
Input Current
(Note 9)
II
-10
mA
Operating Supply Voltage Range
Vopr
+4 to +32
(±2 to ±16)
+4 to +19
(±2 to ±9.5)
V
Output Current
IOUT
±50
mA
Operating Temperature Range
Topr
-40 to +105
-40 to +85
-40 to +105
℃
Storage Temperature Range
Tstg
-55 to +150
℃
Maximum Junction Temperature
TJmax
+150
℃
(Note 1) To use at temperature above TA=25℃ reduce 6.2mW/℃.
(Note 2) To use at temperature above TA=25℃ reduce 5.4mW/℃
(Note 3) To use at temperature above TA=25℃ reduce 5.0mW/℃
(Note 4) To use at temperature above TA=25℃ reduce 4.8mW/℃
(Note 5) To use at temperature above TA=25℃ reduce 4.9mW/℃
(Note 6) To use at temperature above TA=25℃ reduce 7.0mW/℃
(Note 7) Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm).
(Note 8) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
(Note 9) An excessive input current will flow when input voltages of less than VEE-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. In addition, it is impossible to predict all destructive situations such as
short-circuit modes, open circuit modes, etc. Therefore, it is important to consider circuit protection measures, like adding a fuse, in case the IC is
operated in a special mode exceeding the absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com