Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA555 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SA555
Description  PRECISION TIMER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SA555 Datasheet(HTML) 1 Page - Diodes Incorporated

  SA555 Datasheet HTML 1Page - Diodes Incorporated SA555 Datasheet HTML 2Page - Diodes Incorporated SA555 Datasheet HTML 3Page - Diodes Incorporated SA555 Datasheet HTML 4Page - Diodes Incorporated SA555 Datasheet HTML 5Page - Diodes Incorporated SA555 Datasheet HTML 6Page - Diodes Incorporated SA555 Datasheet HTML 7Page - Diodes Incorporated SA555 Datasheet HTML 8Page - Diodes Incorporated SA555 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
NE555/SA555/NA555
Document number: DS35112 Rev. 5 - 2
1 of 14
www.diodes.com
February 2021
© Diodes Incorporated
NE555
PRECISION TIMER
Description
These devices are precision timing circuits capable of producing
accurate time delays or oscillation. In the time-delay or monostable
mode of operation, the timed interval is controlled by a single external
resistor and capacitor network. In the astable mode of operation, the
frequency and duty cycle can be controlled independently with two
external resistors and a single external capacitor.
The threshold and trigger levels normally are two-thirds and one-third,
respectively, of VCC. These levels can be altered by use of the
control-voltage terminal. When the trigger input falls below the trigger
level, the flip-flop is set, and the output goes high. If the trigger input
is above the trigger level and the threshold input is above the
threshold level, the flip-flop is reset and the output is low. The reset
(RESET) input can override all other inputs and can be used to
initiate a new timing cycle. When RESET goes low, the flip-flop is
reset, and the output goes low. When the output is low, a low-
impedance path is provided between discharge (DISCH) and ground.
The output circuit is capable of sinking or sourcing current up to
200mA. Operation is specified for supplies of 5V to 15V. With a 5-V
supply, output levels are compatible with TTL inputs.
Features
•
Timing from microseconds to hours
•
Astable or monostable operation
•
Adjustable duty cycle
•
TTL compatible output can source or sink up to 200mA
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen- and Antimony-Free. “Green” Device (Note 3)
•
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
Notes:
1. No purposely added lead. FullyEU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3).compliant.
2. See https://www.diodes.com/quality/lead-free/ formore information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
(Top View)
SO-8
VCC
DISCH
THRES
CONT
OUT
TRIG
GND
RESET


Similar Part No. - SA555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA555 PHILIPS-SA555 Datasheet
120Kb / 7P
Timer
August 31, 1994
logo
Fairchild Semiconductor
SA555 FAIRCHILD-SA555 Datasheet
150Kb / 14P
Single Timer
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
PRECISION TIMERS
logo
Texas Instruments
SA555 TI-SA555 Datasheet
405Kb / 24P
PRECISION TIMERS
logo
STMicroelectronics
SA555 STMICROELECTRONICS-SA555 Datasheet
494Kb / 20P
General purpose single bipolar timers
15-Mar-2007
More results

Similar Description - SA555

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
NE555 WINGS-NE555 Datasheet
273Kb / 5P
Precision Timer
logo
Zetex Semiconductors
SCT1555 ZETEX-SCT1555 Datasheet
398Kb / 10P
PRECISION SINGLE CELL TIMER
logo
Hitachi Semiconductor
HA17555 HITACHI-HA17555 Datasheet
52Kb / 10P
Precision Timer
logo
Zetex Semiconductors
ZSCT1555 ZETEX-ZSCT1555_06 Datasheet
299Kb / 11P
PRECISION SINGLE CELL TIMER
logo
Renesas Technology Corp
HA17555 RENESAS-HA17555 Datasheet
135Kb / 8P
Precision Timer
logo
Diodes Incorporated
ZSCT1555 DIODES-ZSCT1555 Datasheet
305Kb / 11P
PRECISION SINGLE CELL TIMER
JULY 2006
logo
Texas Instruments
SE555-SP TI1-SE555-SP Datasheet
355Kb / 18P
QML CLASS V PRECISION TIMER
logo
Renesas Technology Corp
HA17555 RENESAS-HA17555_15 Datasheet
160Kb / 10P
Precision Timer
logo
Motorola, Inc
MC14415 MOTOROLA-MC14415 Datasheet
256Kb / 7P
Quad Precision Timer/Driver
logo
Guangdong Youtai Semico...
NE556 UMW-NE556 Datasheet
1Mb / 7P
Universal dual channel precision timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com