Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD3S220LQ Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PD3S220LQ
Description  2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PD3S220LQ Datasheet(HTML) 4 Page - Diodes Incorporated

  PD3S220LQ Datasheet HTML 1Page - Diodes Incorporated PD3S220LQ Datasheet HTML 2Page - Diodes Incorporated PD3S220LQ Datasheet HTML 3Page - Diodes Incorporated PD3S220LQ Datasheet HTML 4Page - Diodes Incorporated PD3S220LQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PowerDI is a registered trademark of Diodes Incorporated.
PD3S220LQ
Document number: DS36998 Rev. 1 - 2
4 of 5
www.diodes.com
March 2014
© Diodes Incorporated
PD3S220LQ
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
PowerDI
®323
Dim
Min
Max
Typ
A
2.40
2.60
2.50
B
1.85
1.95
1.90
C
1.20
1.30
1.25
D
0.60
0.70
0.65
E
0.78
0.98
0.88
E1
0.50
0.70
0.60
H
0.08
0.18
0.13
L
0.20
0.40
0.30
L1


1.40
L3


0.20
L4
0.40
0.80
0.60
All Dimensions in mm
Dimensions
Value (in mm)
G
0.5
X1
2.0
X2
0.8
Y1
0.8
Y2
1.1
B
C
E
L1
L
L
H
D
L1
L3
A
L4
E1
X1
G
X2
Y2
Y1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com