Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDS3100Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PDS3100Q
Description  3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS3100Q Datasheet(HTML) 3 Page - Diodes Incorporated

  PDS3100Q Datasheet HTML 1Page - Diodes Incorporated PDS3100Q Datasheet HTML 2Page - Diodes Incorporated PDS3100Q Datasheet HTML 3Page - Diodes Incorporated PDS3100Q Datasheet HTML 4Page - Diodes Incorporated PDS3100Q Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
PDS3100Q
Document number: DS33876 Rev. 1 - 2
3 of 5
www.diodes.com
February 2014
© Diodes Incorporated
PDS3100Q
0
1
2
3
4
0
1
2
34
56
7
I
, AVERAGE FORWARD CURRENT (A)
Figure 1 Forward Power Dissipation
F(AV)
0.00001
0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Figure 2 Typical Forward Characteristics
0.0001
0.001
0.01
0.1
1
10
100
T = 150°C
J
0.2
0.4
0.6
0.8
1.0
1.2
T = 125°C
J
T = 100°C
J
T = 85°C
J
T = 25°C
J
T = -65°C
J
0.01
0.1
1
10
0.001
0.0001
0
20
40
60
100
80
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Figure 3 Typical Reverse Characteristics
R
0.01
0.1
1.0
10
020
40
60
80
100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Figure 4 Typical Reverse Characteristics
R
T = +150°C
J
T = +125°C
J
T = +100°C
J
T = +85°C
J
0
40
V , DC REVERSE VOLTAGE (V)
Figure 5 Total Capacitance vs. Reverse Voltage
R
0
100
50
200
150
250
300
5
10
15
20
25
30
35
f = 1MHz
0
0.5
1
1.5
2.5
2
3
3.5
4
0
30
60
90
120
150
T , AMBIENT TEMPERATURE (°C)
Figure 6 Forward Current Derating Curve
A
Note 6
Note 7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com