Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHD117136 Datasheet(PDF) 1 Page - Sensitron

Part # SHD117136
Description  HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD117136 Datasheet(HTML) 1 Page - Sensitron

  SHD117136 Datasheet HTML 1Page - Sensitron SHD117136 Datasheet HTML 2Page - Sensitron SHD117136 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SHD117136(P/N)
SHD117136(P/N)A
SHD117136(P/N)B
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4573, REV. –
HERMETIC POWER SCHOTTKY RECTIFIER
Low Forward Voltage Drop
Add Suffix "S" to Part Number for S-100 Screening.
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
•
Ultra low Reverse Leakage Current
•
Soft Reverse Recovery at Low and High Temperature
•
High Surge Capacity
•
Guard Ring for Enhanced Durability and Long Term Reliability
DESCRIPTION: A 200-VOLT, 15 AMP DUAL POWER SCHOTTKY RECTIFIER IN A HERMETIC SHD-4/4A/4B
PACKAGE.
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 °C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
200
Volts
MAXIMUM DC OUTPUT CURRENT (With Cathode Maintained @ TC=100
OC)
IO
15
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT
(t=8.3ms, Sine)
IFSM
140
Amps
MAXIMUM THERMAL RESISTANCE (Junction to Mounting Surface, Cathode)
RθJC
0.85
°C/W
MAXIMUM OPERATING TEMPERATURE RANGE
Top/Tstg
-65 to
+ 200
°C
MAXIMUM STORAGE TEMPERATURE RANGE
Top/Tstg
-65 to
+ 200
°C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 7.5 Amps)
TJ = 25 °C
TJ = 125 °C
Vf
0.92
0.76
Volts
MAXIMUM REVERSE CURRENT (Ir @ 200V PIV)
TJ = 25 °C
TJ = 125 °C
Ir
0.008
0.5
mA
MAXIMUM JUNCTION CAPACITANCE
(Vr =5V)
CT
150
pF
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •


Similar Part No. - SHD117136

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD117136 SENSITRON-SHD117136 Datasheet
56Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117136A SENSITRON-SHD117136A Datasheet
56Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117136B SENSITRON-SHD117136B Datasheet
56Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117136N SENSITRON-SHD117136N Datasheet
56Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117136NA SENSITRON-SHD117136NA Datasheet
56Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
More results

Similar Description - SHD117136

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD117022 SENSITRON-SHD117022 Datasheet
91Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117046 SENSITRON-SHD117046 Datasheet
86Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117112 SENSITRON-SHD117112 Datasheet
84Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117122 SENSITRON-SHD117122 Datasheet
84Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117146 SENSITRON-SHD117146 Datasheet
86Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117168 SENSITRON-SHD117168 Datasheet
73Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117236 SENSITRON-SHD117236 Datasheet
87Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117136 SENSITRON-SHD117136_08 Datasheet
56Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117213 SENSITRON-SHD117213_08 Datasheet
43Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117236 SENSITRON-SHD117236_08 Datasheet
56Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com