Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3WVR626XEBEX Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PI3WVR626XEBEX
Description  2:1 MIPI 2-Data Lane Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3WVR626XEBEX Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PI3WVR626XEBEX Datasheet HTML 3Page - Diodes Incorporated PI3WVR626XEBEX Datasheet HTML 4Page - Diodes Incorporated PI3WVR626XEBEX Datasheet HTML 5Page - Diodes Incorporated PI3WVR626XEBEX Datasheet HTML 6Page - Diodes Incorporated PI3WVR626XEBEX Datasheet HTML 7Page - Diodes Incorporated PI3WVR626XEBEX Datasheet HTML 8Page - Diodes Incorporated PI3WVR626XEBEX Datasheet HTML 9Page - Diodes Incorporated PI3WVR626XEBEX Datasheet HTML 10Page - Diodes Incorporated PI3WVR626XEBEX Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
A product Line of
Diodes Incorporated
PI3WVR626
www.diodes.com
March 2020
Diodes Incorporated
PI3WVR626
Document Number DS42006 Rev 3-2
AC Electrical Characteristics
All typical values are for VCC = 3.3V and TA = 25ºC unless otherwise specified.
Symbol
Description
Test Conditions
VCC (V)
TA = -40oC to +85oC
Units
Min. Typ. Max.
tINIT
Initialization Time VCC to Output(1) RL = 50Ω, CL = 0pF, VSW
= 0.6V
1.5 to 3.6
60
μs
tEN
Enable Time OE to Output
RL = 50Ω, CL = 0pF, VSW
= 0.6V
1.5 to 3.6
60
150
μs
tDIS
Disable Time OE to Output
RL = 50Ω, CL = 0pF, VSW
= 0.6V
1.5 to 3.6
35
250
ns
tON
Turn-On Time SEL to Output
RL = 50Ω, CL = 0pF, VSW
= 0.6V
1.5 to 3.6
350
1100
ns
tOFF
Turn-Off Time SEL to Output
RL = 50Ω, CL = 0pF, VSW
= 0.6V
1.5 to 3.6
125
800
ns
tBBM
Break-Before-Make Time
RL = 50Ω, CL = 0pF, VSW
= 0.6V
1.5 to 3.6
450
ns
tPD
Propagation Delay(1)
CL = 0pF, RL = 50Ω
1.5 to 3.6
0.25
ns
OIRR
Off Isolation for MIPI(1)
RL = 50Ω, f = 1250MHz,
OE = HIGH, VSW = 0.5V
1.5 to 3.6
-28
dB
XTALK
Crosstalk for MIPI(1)
RL = 50Ω, f = 1250MHz,
SEL = HIGH, VSW = 0.5V
1.5 to 3.6
-35
dB
ILOSS
Insertion Loss(1)
RL = 50Ω, CL = 0pF,
f = 1250MHz, VSW = 0.5V
1.5 to 3.6
-0.7
dB
BW
-3db Bandwidth(1)
RL = 50Ω, CL = 0pF, VSW
= 0.5V
1.5 to 3.6
4
4.5
GHz
Note:
1. Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com