Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C9X752FAEX Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PI7C9X752FAEX
Description  High Performance 1.62V To 3.6V Dual Uart with 64-Byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X752FAEX Datasheet(HTML) 5 Page - Diodes Incorporated

  PI7C9X752FAEX Datasheet HTML 1Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 2Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 3Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 4Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 5Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 6Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 7Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 8Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
5
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X752
Document Number DS40312 Rev 3-2
A product Line of
Diodes Incorporated
PI7C9X752
Pin Name
48-TQFP
Pin #
Type
Description
INTB (NC) 29
O
When 16/68# pin is HIGH for Intel bus interface, this output becomes channel B
interrupt output. The output state is defined by the user through the software set-
ting of MCR[3]. INTB is set to the active mode and OP2A# output to LOW when
MCR[3] is set to a logic 1. INTA is set to the three state mode and OP2A# to HIGH
when MCR[3] is set to a logic 0. See MCR[3].
When 16/68# pin is LOW for Motorola bus interface, this output is not used.
TXRDYA#
43
O
UART channel A Transmitter Ready (active low). The output provides the TX
FIFO/THR status for transmit channel A. See Table 3. If it is not used, leave it
unconnected.
RXRDYA#
31
O
UART channel A Receiver Ready (active low). This output provides the RX FIFO/
RHR status for receive channel A. See Table 3. If it is not used, leave it uncon-
nected.
TXRDYB#
6
O
UART channel B Transmitter Ready (active low). The output provides the TX
FIFO/THR status for transmit channel B. See Table 4. If it is not used, leave it
unconnected.
RXRDYB#
18
O
UART channel B Receiver Ready (active low). This output provides the RX FIFO/
RHR status for receive channel B. See Table 3. If it is not used, leave it uncon-
nected.
Modem Or Serial I/O Interface
TXA
7
O
UART channel A Transmit Data or infrared encoder data. Standard transmit and
receive interface is enabled when MCR[6] = 0. In this mode, the TX signal will be
HIGH during reset or idle (no data). Infrared IrDA transmit and receive interface
is enabled when MCR[6] = 1. In the Infrared mode, the inactive state (no data) for
the Infrared encoder/decoder interface is LOW. If it is not used, leave it uncon-
nected.
RXA
5
I
UART channel A Receive Data or infrared receive data. Normal receive data input
must idle HIGH. The infrared receiver pulses typically idles at LOW but can be
inverted by software control prior going in to the decoder, see MCR[6]. If this pin
is not used, tie it to VCC or pull it high via a 100k ohm resistor.
RTSA#
33
O
UART channel A Request-to-Send (active low) or general purpose output. This
output must be asserted prior to using auto RTS flow control, see EFR[6] and
IER[6]. For auto RS485 half-duplex direction control, see DLD[6].
CTSA#
38
I
UART channel A Clear-to-Send (active low) or general purpose input. It can be
used for auto CTS flow control, see EFR[7] and IER[7]. This input should be con-
nected to VCC or GND when not used.
DTRA#
34
O
UART channel A Data-Terminal-Ready (active low) or general purpose output. If
it is not used, leave it unconnected.
DSRA#
39
I
UART channel A Data-Set-Ready (active low) or general purpose input. This input
should be connected to VCC or GND when not used.
CDA#
40
I
UART channel A Carrier-Detect (active low) or general purpose input. This input
should be connected to VCC or GND when not used.
RIA#
41
I
UART channel A Ring-Indicator (active low) or general purpose input. This input
should be connected to VCC or GND when not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com