Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C9X760BCLEX Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PI7C9X760BCLEX
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760BCLEX Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PI7C9X760BCLEX Datasheet HTML 4Page - Diodes Incorporated PI7C9X760BCLEX Datasheet HTML 5Page - Diodes Incorporated PI7C9X760BCLEX Datasheet HTML 6Page - Diodes Incorporated PI7C9X760BCLEX Datasheet HTML 7Page - Diodes Incorporated PI7C9X760BCLEX Datasheet HTML 8Page - Diodes Incorporated PI7C9X760BCLEX Datasheet HTML 9Page - Diodes Incorporated PI7C9X760BCLEX Datasheet HTML 10Page - Diodes Incorporated PI7C9X760BCLEX Datasheet HTML 11Page - Diodes Incorporated PI7C9X760BCLEX Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
8
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
2.1 Auto-RTS
Figure 2 shows RTS functional timing. The receiver FIFO trigger levels used in Auto-RTS are stored in the TCR. RTS is active if the
RX FIFO level is below the halt trigger level in TCR[3:0]. When the receiver FIFO halt trigger level is reached, RTS is de-asserted.
The sending device (for example, another UART) may send an additional character after the trigger level is reached (assuming the
sending UART has another character to send) because it may not recognize the de-assertion of RTS until it has begun sending the ad-
ditional character. RTS is automatically reasserted once the receiver FIFO reaches the resume trigger level programmed via TCR[7:4].
This re-assertion allows the sending device to resume transmission.
2.2 Auto-CTS
Figure 3 shows CTS functional timing. The transmitter circuitry checks CTS before sending the next data character. When CTS is ac-
tive, the transmitter sends the next character. To stop the transmitter from sending the following character, CTS must be de-asserted
before the middle of the last stop bit that is currently being sent. The Auto-CTS function reduces interrupts to the host system. When
flow control is enabled, CTS level changes do not trigger host interrupts because the device automatically controls its own transmitter.
Without Auto-CTS, the transmitter sends any data present in the transmit FIFO and a receiver overrun error may result.
RX
IRQ#
Start
Figure 2. RTS functional timing
Receive
FIFO
Read
character
N
Stop
Start
character
N + 1
Stop
Start
1
2
N
N + 1
002aab040
(1) N = receiver FIFO trigger level.
(2) The two blocks in dashed lines cover the case where an additional character is sent.
TX
Start
Figure 3. CTS functional timing
character
N
Stop
Stop
002aab041
(1) When CTS is LOW, the transmitter keeps sending serial data out.
(2) When CTS goes HIGH before the middle of the last stop bit of the current character, the transmitter
finishes sending the current
character, but it does not send the next character.
(3) When CTS goes from HIGH to LOW, the transmitter begins sending data again.
Start
bit 0 to bit 7
CTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com