Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1053 Datasheet(PDF) 84 Page - VLSI Solution Oy

Part # VS1053
Description  VS1053b - Ogg Vorbis/MP3/AAC/WMA/FLAC/ MIDI AUDIO CODEC CIRCUIT
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy

VS1053 Datasheet(HTML) 84 Page - VLSI Solution Oy

Back Button VS1053 Datasheet HTML 80Page - VLSI Solution Oy VS1053 Datasheet HTML 81Page - VLSI Solution Oy VS1053 Datasheet HTML 82Page - VLSI Solution Oy VS1053 Datasheet HTML 83Page - VLSI Solution Oy VS1053 Datasheet HTML 84Page - VLSI Solution Oy VS1053 Datasheet HTML 85Page - VLSI Solution Oy VS1053 Datasheet HTML 86Page - VLSI Solution Oy VS1053 Datasheet HTML 87Page - VLSI Solution Oy VS1053 Datasheet HTML 88Page - VLSI Solution Oy Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 90 page
background image
VS1053b Datasheet
11
VS1053B REGISTERS
11.15
Analog-to-Digital Converter (ADC)
ADC modulator registers control Analog-to-Digital conversions of VS1053b.
ADC Decimator registers, prefix ADC_
Reg
Type
Reset
Abbrev[bits]
Description
0xC042
rw
0
CONTROL[4:0]
ADC control
0xC043
r
0
DATA_LEFT
ADC left channel data
0xC044
r
0
DATA_RIGHT
ADC right channel data
ADC_CONTROL controls the ADC and its associated decimator unit.
ADC_CONTROL Bits
Name
Bits
Description
ADC_MODU2_PD
4
Right channel powerdown
ADC_MODU1_PD
3
Left channel powerdown
ADC_DECIM_FACTOR
2:1
ADC Decimator factor:
- 3 = downsample to XTALI/512 (nominal 24 kHz)
- 2 = downsample to XTALI/256 (nominal 48 kHz)
- 1 = downsample to XTALI/128 (nominal 96 kHz)
- 0 = downsample to XTALI/64 (nominal 192 kHz)
ADC_ENABLE
0
Set to activate ADC converter and decimator
Note: Setting bit SS_AD_CLOCK in register SCI_STATUS will halve the operation speed of the
A/D unit, and thus halve the resulting samplerate.
Each time a new (stereo) sample has been generated, an ADC interrupt is generated.
Version: 1.31, 2017-11-17
84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com