Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOT8024AM Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VOT8024AM
Description  Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current, SOP-4 Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOT8024AM Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button VOT8024AM Datasheet HTML 2Page - Vishay Siliconix VOT8024AM Datasheet HTML 3Page - Vishay Siliconix VOT8024AM Datasheet HTML 4Page - Vishay Siliconix VOT8024AM Datasheet HTML 5Page - Vishay Siliconix VOT8024AM Datasheet HTML 6Page - Vishay Siliconix VOT8024AM Datasheet HTML 7Page - Vishay Siliconix VOT8024AM Datasheet HTML 8Page - Vishay Siliconix VOT8024AM Datasheet HTML 9Page - Vishay Siliconix VOT8024AM Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
VOT8024AM
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 26-Oct-2018
9
Document Number: 84909
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SOLDER PROFILES
IR Reflow Soldering (JEDEC® J-STD-020C compliant)
One time soldering reflow is recommended within the
condition of temperature and time profile shown below. Do
not solder more than three times.
Fig. 2
Wave Soldering (JEDEC JESD22-A111 compliant)
One time soldering is recommended within the condition of
temperature.
Temperature: 260 °C + 0 °C / - 5 °C
Time: 10 s
Preheat temperature: 25 °C to 140 °C
Preheat time: 30 s to 80 s
Fig. 3
Hand Soldering by Soldering Iron
Allow single lead soldering in every single process. One time
soldering is recommended.
Temperature: 380 °C + 0 °C / - 5 °C
Time: 3 s max.
HANDLING AND STORAGE CONDITIONS
ESD level: HBM class 2
Floor life: unlimited
Conditions: Tamb < 30 °C, RH < 85 %
Moisture sensitivity level 1, according to J-STD-020
PROFILE ITEM
CONDITIONS
Preheat
- Temperature minimum (TS min.)
150 °C
- Temperature maximum (TS max.)
200 °C
- Time (min. to max.) (tS)
90 s ± 30 s
Soldering zone
- Temperature (TL)
217 °C
- Time (tL)
60 s
Peak temperature (Tp)
260 °C
Ramp-up rate
3 °C/s max.
Ramp-down rate
3 °C/s to 6 °C/s
0
20406080
1000
10000
25
100
1000
10000
Time (s)
Axis Title
Time (s)
10
100
60 s
tL (soldering)
60 s to 120 s
tS (preheat)
35 s to 70 s
20 s
Tp (260 °C)
TL (217 °C)
TS max. (200 °C)
TS min.
(150 °C)
Ramp-up
Ramp-down
23016
10
100
1000
10000
0
200
250
300
0
0.5
2.5
3.0
3.5
4.0
Axis Title
Time (min)
150
100
50
2.0
1.0
1.5
260 °C + 0 °C / - 5 °C
wave temperature
Second wave
-5 °C/s
+200 °C/s
+2 °C/s
First wave
Preheat zone
23017



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com