Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOT8024AM-VT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VOT8024AM-VT
Description  Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current, SOP-4 Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOT8024AM-VT Datasheet(HTML) 4 Page - Vishay Siliconix

  VOT8024AM-VT Datasheet HTML 1Page - Vishay Siliconix VOT8024AM-VT Datasheet HTML 2Page - Vishay Siliconix VOT8024AM-VT Datasheet HTML 3Page - Vishay Siliconix VOT8024AM-VT Datasheet HTML 4Page - Vishay Siliconix VOT8024AM-VT Datasheet HTML 5Page - Vishay Siliconix VOT8024AM-VT Datasheet HTML 6Page - Vishay Siliconix VOT8024AM-VT Datasheet HTML 7Page - Vishay Siliconix VOT8024AM-VT Datasheet HTML 8Page - Vishay Siliconix VOT8024AM-VT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
VOT8024AM
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 26-Oct-2018
4
Document Number: 84909
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Normalized Trigger Current vs. Ambient Temperature
Fig. 5 - Trigger Current vs. Pulse Width
Fig. 6 - On State Current vs. On State Voltage
Fig. 7 - Normalized Holding Current vs. Ambient Temperature
Fig. 8 - Off-State Leakage Current vs. Ambient Temperature
10
100
1000
10000
0.1
1
10
100
0.6
0.8
1.0
1.2
1.4
1.6
Axis Title
V
F - Forward Voltage (V)
T
amb = 110 °C
T
amb = -55 °C
T
amb = 60 °C
T
amb = -25 °C
T
amb = 0 °C
T
amb = 25 °C
10
100
1000
10000
0.2
0.6
1.0
1.4
1.8
2.2
-60 -40 -20
0
20
40
60
80
100 120
Axis Title
T
amb - Ambient Temperature (°C)
Normalized to:
V
TM = 3 V,
T
amb =25 °C
10
100
1000
10000
0
5
10
15
20
10
40
70
100
Axis Title
t
PW - Pulse Width (µs)
10
100
1000
10000
1
10
100
0.6
1.0
1.4
1.8
Axis Title
V
TM - On-State Voltage (V)
I
F = 5 mA
10
100
1000
10000
0.1
1
10
-60 -40 -20
0
20
40
60
80
100 120
Axis Title
T
amb - Ambient Temperature (°C)
Normalized to:
T
amb = 25 °C
10
100
1000
10000
0.001
0.01
0.1
1
10
100
1000
-60 -40 -20
0
20
40
60
80
100 120
Axis Title
T
amb - Ambient Temperature (°C)
V
DRM = 800 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com