Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950211YGLF-T Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS950211YGLF-T
Description  Programmable Timing Control Hub for P4
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950211YGLF-T Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS950211YGLF-T Datasheet HTML 3Page - Integrated Circuit Systems ICS950211YGLF-T Datasheet HTML 4Page - Integrated Circuit Systems ICS950211YGLF-T Datasheet HTML 5Page - Integrated Circuit Systems ICS950211YGLF-T Datasheet HTML 6Page - Integrated Circuit Systems ICS950211YGLF-T Datasheet HTML 7Page - Integrated Circuit Systems ICS950211YGLF-T Datasheet HTML 8Page - Integrated Circuit Systems ICS950211YGLF-T Datasheet HTML 9Page - Integrated Circuit Systems ICS950211YGLF-T Datasheet HTML 10Page - Integrated Circuit Systems ICS950211YGLF-T Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
Integrated
Circuit
Systems, Inc.
ICS950211
0465E—05/17/05
Byte 7: Revision ID and Device ID Register
Byte 5: Programming Edge Rate
(1 = enable, 0 = disable)
Byte 6: Vendor ID Register
(1 = enable, 0 = disable)
t
i
B#
n
i
PD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
BX
1
*
e
l
b
a
p
p
o
t
S
=
1
;
g
n
i
n
n
u
R
e
e
r
F
=
0
,
l
o
r
t
n
o
C
g
n
i
n
n
u
R
e
e
r
F
0
C
/
T
K
L
C
U
P
C
6
t
i
BX
1
*
e
l
b
a
p
p
o
t
S
=
1
;
g
n
i
n
n
u
R
e
e
r
F
=
0
,
l
o
r
t
n
o
C
g
n
i
n
n
u
R
e
e
r
F
1
C
/
T
K
L
C
U
P
C
5
t
i
BX
1
*
e
l
b
a
p
p
o
t
S
=
1
;
g
n
i
n
n
u
R
e
e
r
F
=
0
,
l
o
r
t
n
o
C
g
n
i
n
n
u
R
e
e
r
F
2
C
/
T
K
L
C
U
P
C
4
t
i
BX
1
)
d
e
v
r
e
s
e
R
(
3
t
i
BX
1
)
d
e
v
r
e
s
e
R
(
2
t
i
BX
1
)
d
e
v
r
e
s
e
R
(
1
t
i
BX
1
)
d
e
v
r
e
s
e
R
(
0
t
i
BX
1
)
d
e
v
r
e
s
e
R
(
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B7
D
I
e
c
i
v
e
D0
e
c
i
v
e
d
l
a
u
d
i
v
i
d
n
i
n
o
d
e
s
a
b
e
b
ll
i
w
s
e
u
l
a
v
D
I
e
c
i
v
e
D
.
e
s
a
c
s
i
h
t
n
i
"
H
1
0
"
6
t
i
B6
D
I
e
c
i
v
e
D0
5
t
i
B5
D
I
e
c
i
v
e
D0
4
t
i
B4
D
I
e
c
i
v
e
D0
3
t
i
B3
D
I
e
c
i
v
e
D0
2
t
i
B2
D
I
e
c
i
v
e
D0
1
t
i
B1
D
I
e
c
i
v
e
D0
0
t
i
B0
D
I
e
c
i
v
e
D1
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B3
t
i
B
D
I
n
o
i
s
i
v
e
RX
n
o
i
s
i
v
e
r
s
'
e
c
i
v
e
d
l
a
u
d
i
v
i
d
n
i
n
o
d
e
s
a
b
e
b
ll
i
w
s
e
u
l
a
v
D
I
n
o
i
s
i
v
e
R
6
t
i
B2
t
i
B
D
I
n
o
i
s
i
v
e
RX
5
t
i
B1
t
i
B
D
I
n
o
i
s
i
v
e
RX
4
t
i
B0
t
i
B
D
I
n
o
i
s
i
v
e
RX
3
t
i
B3
t
i
B
D
I
r
o
d
n
e
V0
)
d
e
v
r
e
s
e
R
(
2
t
i
B2
t
i
B
D
I
r
o
d
n
e
V0
)
d
e
v
r
e
s
e
R
(
1
t
i
B1
t
i
B
D
I
r
o
d
n
e
V0
)
d
e
v
r
e
s
e
R
(
0
t
i
B0
t
i
B
D
I
r
o
d
n
e
V1
)
d
e
v
r
e
s
e
R
(
Asynchronous Frequency ControlTable
Byte 4
Byte 3
3V66 [0:3]
PCI_F [1:2]
PCICK [0:6]
Note
Bit 7
Bit 4
0
0
66.01 MHz
33.005 MHz
From Fix PLL (no
spread)
0
1
75.44 MHz
37.72 MHz
From Fix PLL (no
spread)
1
0
66.66 MHz
33.33 MHz
From main PLL
(Default)
1
1
88.01 MHz
44.005 MHz
From Fix PLL (no
spread)
* This functionality is only available in BF version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com