Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV531 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LPV531
Description  Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV531 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LPV531 Datasheet HTML 8Page - National Semiconductor (TI) LPV531 Datasheet HTML 9Page - National Semiconductor (TI) LPV531 Datasheet HTML 10Page - National Semiconductor (TI) LPV531 Datasheet HTML 11Page - National Semiconductor (TI) LPV531 Datasheet HTML 12Page - National Semiconductor (TI) LPV531 Datasheet HTML 13Page - National Semiconductor (TI) LPV531 Datasheet HTML 14Page - National Semiconductor (TI) LPV531 Datasheet HTML 15Page - National Semiconductor (TI) LPV531 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Application Information
The LPV531 is an extremely versatile operational amplifier
because performance and power consumption can be ad-
justed during operation. This provides a method to dynami-
cally optimize the supply current, the bandwidth and the
output short circuit current in the application. The power level
can be set by the current drawn from the I
SEL pin according
to the application performance requirements.
CIRCUIT TOPOLOGY
As shown in Figure 1, the LPV531 contains two internal bias
reference generators that deliver a reference current (I
REF)
to the amplifier core. The programmable bias generator gen-
erates a 110 mV reference voltage (V
INT). This reference
voltage is converted into a programmable reference current
(I
PROG) through the internal resistor (RINT) and the external
resistor (R
EXT) connected to the ISEL pin. Internally, IPROG is
added to the output current from the low power bias genera-
tor (I
STDB). When the ISEL pin is left floating, IPROG equals
zero and the I
REF equals ISTDB. The value of ISTDB is such
that in this mode the power supply current is below 1 µA. In
this 1 µA power mode, the LPV531 is functional but perfor-
mance over the full temperature range is not guaranteed.
The 1 µA power mode operation is only recommended for
applications with a temperature range between 0 and 70˚C.
POWER MODE CONTROL
To illustrate typical configurations three possible solutions to
control the power mode(s) of the LPV531 will be described.
1. Single Power Mode
If the application requires one single power mode for the
LPV531, then the easiest way to achieve this is to connect a
resistor (R
EXT) from the ISEL pin to V
−. Together with the
internal circuitry, R
EXT will determine the current drawn from
the I
SEL pin. Internally the ISEL pin is connected to an 11 k
Ω
internal
series
resistor
(R
INT)
which
is
biased
at
V
INT = 110 mV. This set up is illustrated in Figure 2.
For a desired supply current, bandwidth, short circuit current,
or load resistance, the required value of R
EXT can be calcu-
lated using the equations in the section “DETERMINING
THE I
SEL LEVELS”.
20132337
FIGURE 1. Simplified Schematic
20132336
FIGURE 2. Single Power Mode
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com