Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV531MK Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LPV531MK
Description  Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV531MK Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LPV531MK Datasheet HTML 9Page - National Semiconductor (TI) LPV531MK Datasheet HTML 10Page - National Semiconductor (TI) LPV531MK Datasheet HTML 11Page - National Semiconductor (TI) LPV531MK Datasheet HTML 12Page - National Semiconductor (TI) LPV531MK Datasheet HTML 13Page - National Semiconductor (TI) LPV531MK Datasheet HTML 14Page - National Semiconductor (TI) LPV531MK Datasheet HTML 15Page - National Semiconductor (TI) LPV531MK Datasheet HTML 16Page - National Semiconductor (TI) LPV531MK Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Application Information (Continued)
2. Switched Discrete Power Modes
In this typical application, the LPV531 can operate at two (or
more) power modes in order to fulfill the demands of the
design. One of the modes is used to save power. It is a low
power mode which is set by using a large resistor. The
others are the higher power modes which are set by one or
more smaller resistors. The larger resistor that sets the low
power mode can be permanently connected while the
smaller resistor(s) can be switched in parallel to set the high
power mode(s). This configuration allows the designer to get
the required performance from the LPV531 when needed.
The switches shown in Figure 3 can be easily implemented
with an open drain I/O port of an ASIC or any other simple
pull down switch.
3. DAC Controlled Power Modes
For voltage controlled filter applications, where control of the
gain bandwidth is essential, a DAC and a resistive voltage
divider can be used. In this application the current drawn
from the I
SEL pin is controlled by the DAC. The DAC’s total
output range is divided to match the V
− to V
INT voltage which
has the range of 0-110 mV.
The output of the resistive voltage divider should have an
impedance that is small compared to the value of R
INT to
allow a linear control of the power level. Therefore, R
EXT2
needs to have a value in the order of R
INT/10
and
R
EXT1 = 125 mV * REXT2 /VCONTROL,MAX. For 1 µA power
mode operation, these resistor values will divide the maxi-
mum voltage of V
CONTROL to 125 mV.
DETERMINING THE R
EXT VALUES AND ISEL LEVELS
To determine the value of R
EXT that is needed for a certain
supply current or bandwidth, the following equations can be
used:
or
For the power modes characterized in this datasheet, these
formulas lead to the values in Table 1. These values deviate
slightly from the typical values presented in the electrical
characteristic tables. The values in Table 1 are calculated
using approximated linear equations while the values in the
Electrical Characteristics table are the result of characteriza-
tion measurement procedures.
TABLE 1. Values for Characterized
Power Modes
R
EXT
I
SEL
Supply Current
Gain Bandwidth
Product
1
Ω
9 µA
400 µA
4.6 MHz
100 k
Ω
0.9 µA
40 µA
460 kHz
1M
Ω
99 nA
5.3 µA
60 kHz
To calculate the R
EXT which will allow the LPV531 to deliver
a minimum output current at all times and over all tempera-
tures, use the following equations:
If the output has to be kept at V
+/2 for a known load resis-
tance, the required R
EXT can be calculated with the following
equations:
20132363
FIGURE 3. Power Modes Set by Resistors and
Switches
20132364
FIGURE 4. DAC Controlled Power Mode Configurations
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com